Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459.125UR Datasheet(PDF) 3 Page - Littelfuse

Part # 0459.125UR
Description  Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0459.125UR Datasheet(HTML) 3 Page - Littelfuse

  0459.125UR Datasheet HTML 1Page - Littelfuse 0459.125UR Datasheet HTML 2Page - Littelfuse 0459.125UR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
459 Series
PICO® SMF Fuse > 459 Series
Please refer to www.littelfuse.com/series/459.html for current information.
4.32
(.170")
5 A
1 25 V
LF
4 5 9
B 3
®
®
3.05
(.120")
2.97
(.117")
7.24(.285")
REF.
8.26
(.325")
1.65
(.065")
4.95
(.195")
1.30(.051")
REF.
2.03
(.080")
RECOMMENDED
PAD LAYOUT
Dimensions
Packaging
Part Numbering System
Packaging
Option
Packaging
Specification
Quantity
Quantity &
Packaging Code
12mm
Tape and Reel
EIA RS-481-1
(IEC 286, part 3)
500
UR
12mm
Tape and Reel
EIA RS-481-1
(IEC 286, part 3)
2500
ER
0459 .500 UR
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Refer to Electrical
Characteristics table
UR = 500 pcs
ER = 2500 pcs
R = Tape and Reel
Example:
0.62 Amp product is
0459 .062 UR (.5 Amp


Similar Part No. - 0459.125UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0459.125 LITTELFUSE-0459.125 Datasheet
77Kb / 1P
   Surface Mount Fuses
0459.125ER LITTELFUSE-0459.125ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
More results

Similar Description - 0459.125UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0459.200UR LITTELFUSE-0459.200UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459001.UR LITTELFUSE-0459001.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.375UR LITTELFUSE-0459.375UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.200ER LITTELFUSE-0459.200ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459002.ER LITTELFUSE-0459002.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.750UR LITTELFUSE-0459.750UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
045901.5ER LITTELFUSE-045901.5ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459002.UR LITTELFUSE-0459002.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459004.ER LITTELFUSE-0459004.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com