Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459.200UR Datasheet(PDF) 1 Page - Littelfuse

Part # 0459.200UR
Description  Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0459.200UR Datasheet(HTML) 1 Page - Littelfuse

  0459.200UR Datasheet HTML 1Page - Littelfuse 0459.200UR Datasheet HTML 2Page - Littelfuse 0459.200UR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
459 Series
PICO® SMF Fuse > 459 Series
Please refer to www.littelfuse.com/series/459.html for current information.
459 Series PICO® Very Fast-Acting Surface Mount Fuse
Description
Electrical Characteristics for Series
Features
% of Ampere
Rating
Opening Time
100%
4 hours, Minimum
200%
1 second, Maximum
300%
0.1 second, Maximum
Electrical Specifications by Item
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance (Ohms)
Nominal Melting
I2t (A2sec)
Agency Approvals
PS
E
0.062
.062
125
50 A @125 VAC
300 A @125 VDC
7.0000
0.000075
x
x
0.125
.125
125
1.7000
0.00163
x
x
0.250
.250
125
0.6650
0.0106
x
x
0.375
.375
125
0.3950
0.0254
x
x
0.500
.500
125
0.2800
0.0546
x
x
0.750
.750
125
0.1750
0.155
x
x
1.00
001.
125
0.1250
0.281
x
x
x
1.50
01.5
125
0.0800
0.650
x
x
x
2.00
002.
125
0.0468
0.421
x
x
x
2.50
02.5
125
0.0350
0.721
x
x
x
3.00
003.
125
0.0290
1.23
x
x
x
3.50
03.5
125
0.0240
1.65
x
x
x
4.00
004.
125
0.0200
2.35
x
x
x
5.00
005.
125
0.0155
3.90
x
x
x
The 459 Series Very Fast-Acting SMF is based on Littelfuse
PICO® fuse technology, though offered in a surface mount
package.
This series of devices meets the requirements of the
RoHS directive.
Applications
Revised: April 24, 2012
PS
E
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
62mA - 5A
LR29862
62mA - 5A
PS
E
NBK030205-E10480B
1A - 5A


Similar Part No. - 0459.200UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0459.200ER LITTELFUSE-0459.200ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results

Similar Description - 0459.200UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0459001.UR LITTELFUSE-0459001.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.375UR LITTELFUSE-0459.375UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.200ER LITTELFUSE-0459.200ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459002.ER LITTELFUSE-0459002.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.125UR LITTELFUSE-0459.125UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459.750UR LITTELFUSE-0459.750UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
045901.5ER LITTELFUSE-045901.5ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459002.UR LITTELFUSE-0459002.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459004.ER LITTELFUSE-0459004.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com