Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4355 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4355
Description  Secondary Side SMPS OFF Mode Controller for Low Standby Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4355 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4355_12 Datasheet HTML 1Page - ON Semiconductor NCP4355_12 Datasheet HTML 2Page - ON Semiconductor NCP4355_12 Datasheet HTML 3Page - ON Semiconductor NCP4355_12 Datasheet HTML 4Page - ON Semiconductor NCP4355_12 Datasheet HTML 5Page - ON Semiconductor NCP4355_12 Datasheet HTML 6Page - ON Semiconductor NCP4355_12 Datasheet HTML 7Page - ON Semiconductor NCP4355_12 Datasheet HTML 8Page - ON Semiconductor NCP4355_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP4355
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
NCP4355A
NCP4355B
NCP4355C
Pin Name
Description
8
8
8
VCC
Supply voltage pin
7
7
7
GND
Ground
1
1
1
VSNS
Output voltage sensing pin, connected to output voltage divider
2
2
2
OFFDET
OFF mode detection input. Voltage divider provides adjustable off mode
detection threshold
3
3
VMIN
Minimum output voltage adjustment
3
4
ISNS
Current sensing input for output current regulation, connect it to shunt
resistor in ground branch.
4
4
LED
PWM LED driver output. Connected to LED cathode with current define by
external serial resistance
6
6
6
FBC
Output of current sinking OTA amplifier or amplifiers driving feedback op-
tocoupler’s LED. Connect here compensation network (networks) as well.
5
5
5
ON/OFF
ON mode current sink. This output keeps primary control pin at low level
in on mode.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
−0.3 to 40.0
V
ON/OFF, FBC, LED Voltage
VONOFF, VFBC, VLED
−0.3 to VCC + 0.3
V
VSNS, ISNS, OFFDET, VMIN Voltage
VSNS, VISNS, VOFFDET, VMIN
−0.3 to 10.0
V
LED Current
ILED
10
mA
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−60 to 150
°C
ESD Capability, Human Body Model (Note 1)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 1)
ESDMM
250
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JESD22−A114F
ESD Machine Model tested per JESD22−A115C
Latchup Current Maximum Rating tested per JEDEC standard: JESD78D.


Similar Part No. - NCP4355_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4355A ONSEMI-NCP4355A Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4355ADR2G ONSEMI-NCP4355ADR2G Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4355B ONSEMI-NCP4355B Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4355BDR2G ONSEMI-NCP4355BDR2G Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4355C ONSEMI-NCP4355C Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results

Similar Description - NCP4355_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com