Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0464.500DR Datasheet(PDF) 2 Page - Littelfuse

Part # 0464.500DR
Description  Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0464.500DR Datasheet(HTML) 2 Page - Littelfuse

  0464.500DR Datasheet HTML 1Page - Littelfuse 0464.500DR Datasheet HTML 2Page - Littelfuse 0464.500DR Datasheet HTML 3Page - Littelfuse 0464.500DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
78
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
464 Series
NANO> 250V vvUMF > Fast-Acting > 464 Series
Please refer to www.littelfuse.com/series/464.html for current information.
Average Time Current Curves
100
100
10
1
0.1
0.01
0.001
1
10
1000
0.1
CURRENT IN AMPERES
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
Average ramp up rate (LiquidusTemp
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
PeakTemperature (T
P)
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
Time 25°C to peakTemperature (T
P)
Do not exceed
Soldering Parameters
Temperature Rerating Curve
Wave Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Similar Part No. - 0464.500DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0464.500 LITTELFUSE-0464.500 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results

Similar Description - 0464.500DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04643.15DR LITTELFUSE-04643.15DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
046402.5DR LITTELFUSE-046402.5DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
04641.25DR LITTELFUSE-04641.25DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464.800DR LITTELFUSE-0464.800DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
046401.6DR LITTELFUSE-046401.6DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
046406.3DR LITTELFUSE-046406.3DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464001.DR LITTELFUSE-0464001.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464002.DR LITTELFUSE-0464002.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464004.DR LITTELFUSE-0464004.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464005.DR LITTELFUSE-0464005.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com