Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG436 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG436
Description  Dual SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436 Datasheet(HTML) 6 Page - Analog Devices

  ADG436 Datasheet HTML 1Page - Analog Devices ADG436 Datasheet HTML 2Page - Analog Devices ADG436 Datasheet HTML 3Page - Analog Devices ADG436 Datasheet HTML 4Page - Analog Devices ADG436 Datasheet HTML 5Page - Analog Devices ADG436 Datasheet HTML 6Page - Analog Devices ADG436 Datasheet HTML 7Page - Analog Devices ADG436 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VD, VS – Volts
20
18
10
03
15
69
12
16
14
12
VDD = +16.5V
VSS = 0V
+85 C
+25 C
–40 C
Figure 4. RON as a Function of VD (VS)
for Different Temperatures: Single
Supply
VD, VS – Volts
0.01
0
–0.03
–15
–10
15
–5
0
5
10
–0.01
–0.02
VDD = +16.5V
VSS = –16.5V
TA = +25 C
Figure 5. ID (ON) Leakage Current as a
Function of VD (VS): Dual Supply
VD, VS – Volts
0.01
0
–0.03
–15
–10
15
–5
0
5
10
–0.01
–0.02
VDD = +16.5V
VSS = –16.5V
TA = +25 C
Figure 6. IS (OFF) Leakage Current as
a Function of VD (VS): Dual Supply
VD, VS – Volts
26
22
6
–15
–10
15
–5
0
5
10
18
14
10
TA = +25 C
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +15V
VSS = –15V
Figure 1. RON as a Function of VD (VS):
Dual Supply
VD, VS – Volts
50
45
10
03
15
69
12
30
25
20
15
40
35
VDD = +5V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +15V
VSS = 0V
Figure 2. RON as a Function of VD (VS):
Single Power Supply
VD, VS – Volts
16
14
6
–15
–10
15
–5
0
5
10
12
10
8
VDD = +16.5V
VSS = –16.5V
+85 C
+25 C
–40 C
Figure 3. RON as a Function of VD (VS)
for Different Temperatures: Dual
Supply
VD, VS – Volts
160
140
60
05
10
15
20
120
100
80
VD = 2V
VS = –2V
Figure 8. Switching Time as a Func-
tion of VD (VS): Dual Supply
SWITCHING FREQUENCY – kHz
1
0.8
0
0
200
1000
400
600
800
0.6
0.4
0.2
VDD = +16.5V
VSS = –16.5V
TA = +25 C
Figure 9. IDD as a Function of Switch-
ing Frequency: Dual Supply
VD, VS – Volts
0.01
0
–0.03
–15
–10
15
–5
0
5
10
–0.01
–0.02
VDD = +16.5V
VSS = –16.5V
TA = +25 C
Figure 7. IS (ON) Leakage Current as a
Function of VD (VS): Dual Supply
ADG436–Typical Performance Characteristics
REV. A
–6–


Similar Part No. - ADG436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436BN AD-ADG436BN Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BNZ1 AD-ADG436BNZ1 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BR AD-ADG436BR Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BR-REEL AD-ADG436BR-REEL Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BRZ-REEL1 AD-ADG436BRZ-REEL1 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
More results

Similar Description - ADG436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
   Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com