Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG433 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG433
Description  LC2MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG433 Datasheet(HTML) 2 Page - Analog Devices

  ADG433 Datasheet HTML 1Page - Analog Devices ADG433 Datasheet HTML 2Page - Analog Devices ADG433 Datasheet HTML 3Page - Analog Devices ADG433 Datasheet HTML 4Page - Analog Devices ADG433 Datasheet HTML 5Page - Analog Devices ADG433 Datasheet HTML 6Page - Analog Devices ADG433 Datasheet HTML 7Page - Analog Devices ADG433 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADG431/ADG432/ADG433–SPECIFICATIONS
1
Dual Supply
B Versions
T Versions
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
VDD to VSS
V
RON
17
17
Ω typ
VD = ± 8.5 V, IS = –10 mA;
24
26
24
27
Ω max
VDD = +13.5 V, VSS = –13.5 V
RON vs. VD (VS)
15
15
% typ
RON Drift
0.5
0.5
%/
°C typ
RON Match
5
5
% typ
VD = 0 V, IS = –10 mA
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = –16.5 V
Source OFF Leakage IS (OFF)
±0.05
±0.05
nA typ
VD =
±15.5 V, V
S =
15.5 V;
±0.25
±2
±0.25
±15
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
±0.05
nA typ
VD =
±15.5 V, V
S =
15.5 V;
±0.25
±2
±0.25
±15
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.1
±0.1
nA typ
VD = VS =
±15.5 V;
±0.35
±3
±0.35
±17
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
µA typ
VIN = VINL or VINH
±0.02
±0.02
µA max
CIN Digital Input Capacitance
9
9
pF typ
DYNAMIC CHARACTERISTICS2
VDD = +15 V, VSS = –15 V
tON
90
90
ns typ
RL = 300 Ω, CL = 35 pF;
165
175
ns max
VS =
±10 V; Test Circuit 4
tOFF
60
60
ns typ
RL = 300
Ω, C
L = 35 pF;
130
145
ns max
VS =
±10 V; Test Circuit 4
Break-Before-Make Time Delay, tD 25
25
ns typ
RL = 300
Ω, C
L = 35 pF;
(ADG433 Only)
VS1 = VS2 = +10 V;
Test Circuit 5
Charge Injection
5
5
pC typ
VS = 0 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 6
OFF Isolation
68
68
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
9
9
pF typ
f = 1 MHz
CD (OFF)
9
9
pF typ
f = 1 MHz
CD, CS (ON)
35
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
Digital Inputs = 0 V or 5 V
IDD
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
ISS
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
IL
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
Power Dissipation
7.7
7.7
µW max
NOTES
1Temperature ranges are as follows: B Versions: –40
°C to +85°C; T Versions: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. B
–2–
(VDD = +15 V
10%, VSS = –15 V
10%, VL = +5 V
10%, GND = O V, unless otherwise noted)


Similar Part No. - ADG433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG433ABR AD-ADG433ABR Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433BN AD-ADG433BN Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433BR AD-ADG433BR Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433 AD-ADG433_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
More results

Similar Description - ADG433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com