Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE413RAD39N_SZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AE413RAD39N_SZ
Description  Outgassing Compliant Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE413RAD39N_SZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AE413RAD39N_SZ Datasheet HTML 1Page - Coilcraft lnc. AE413RAD39N_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AE413RAD Series (1008)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1008 CHIP INDUCTORS
A
B
C
D
max
max max*
ref
E
F
G
H
I
J
0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
*Low profile parts: 0.050/1,27
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Frequency (MHz)
22 nH
10 nH
47 nH
3.0 nH
100 nH
68 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
Frequency (MHz)
110
100
1000
10000
3.0 nH
10 nH
22 nH
47 nH
68 nH
100 nH
Typical L vs Frequency
Typical Q vs Frequency
Current Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
Suggested
Land Pattern
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
Document AE190-2 Revised 11/06/12


Similar Part No. - AE413RAD39N_SZ

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
   drive or pre-drive amplifier designed in a low cost SOT-89 package
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
AE417 RFHIC-AE417 Datasheet
195Kb / 3P
   E-pHEMT MMIC
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
   Low Noise Amplifier for CATV, Satellite
More results

Similar Description - AE413RAD39N_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAD COILCRAFT-AE336RAD Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE235RAA COILCRAFT-AE235RAA Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE376RAA COILCRAFT-AE376RAA Datasheet
198Kb / 2P
   Outgassing Compliant Chip Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com