Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE235RAA24N_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE235RAA24N_SZ
Description  Outgassing Compliant Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE235RAA24N_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE235RAA24N_SZ Datasheet HTML 1Page - Coilcraft lnc. AE235RAA24N_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
OutgassingCompliantChipInductorsAE235RAA
0402 CHIP INDUCTORS
Document AE198-1 Revised 07/13/12
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.047
0.025
0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018
1,19
0,64
0,66
0,25
0,51 0,23 0,56 0,66 0,36 0,46
A
B
overall
C
D
J
F
F
G
H
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Suggested
Land Pattern
Core material Ceramic
Terminations Tin-lead (63/37) over silver-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Paper tape: 8 mm wide, 0.68 mm thick, 2 mm pocket spacing
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Current Derating
Typical Q vs Frequency
Typical L vs Frequency
Exceptionally high Q factors
Outstanding self-resonant frequency
Tight inductance tolerance
High temperature materials allow operation in ambient
temperatures up to 155°C.
Passes NASA low outgassing specifications
Leach-resistant base metalization with tin-lead (Sn-Pb)
terminations ensures the best possible board adhesion
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
27 nH
19 nH
12 nH
5.6 nH
1 nH
0
5
10
15
20
25
30
110
100
1000
10000
Frequency (MHz)
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
12 nH
19 nH
5.6 nH
27 nH
1 nH


Similar Part No. - AE235RAA24N_SZ

ManufacturerPart #DatasheetDescription
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
More results

Similar Description - AE235RAA24N_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAD COILCRAFT-AE336RAD Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE376RAA COILCRAFT-AE376RAA Datasheet
198Kb / 2P
   Outgassing Compliant Chip Inductors
AE413RAD COILCRAFT-AE413RAD Datasheet
191Kb / 2P
   Outgassing Compliant Chip Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com