Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE514PYA Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # AE514PYA
Description  Outgassing Compliant Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE514PYA Datasheet(HTML) 3 Page - Coilcraft lnc.

  AE514PYA Datasheet HTML 1Page - Coilcraft lnc. AE514PYA Datasheet HTML 2Page - Coilcraft lnc. AE514PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AE514PYASeries(7030)
7030 POWER INDUCTORS
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document AE863-3 Revised 01/03/13
Dimensions are in
inches
mm
Typical L vs Frequency
Irms Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.295 ±0.020
7,5 ±0,5
0.295 ±0.020
7,5 ±0,5
0.122
3,1
A
(see table)
B
(see table)
0.063 ±0.004
1,60 ±0,10
0.123
3,12
±0.010
±0,25
0.07
1,78
0.186
4,72
Suggested
Land Pattern
max
A
Dash
B
number
(in / mm)
(in / mm)
±0.008 in
±0,20 mm
-161
0.261 / 6.62
0.274 / 6.97
-301
0.261 / 6.62
0.274 / 6.97
-601
0.253 / 6.42
0.263 / 6.67
-102
0.249 / 6.32
0.257 / 6.52
-152
0.245 / 6.22
0.251 / 6.37
-222
0.241 / 6.12
0.245 / 6.22
-332
0.241 / 6.12
0.245 / 6.22
-472
0.239 / 6.08
0.242 / 6.16
-562
0.239 / 6.08
0.242 / 6.16
-272
0.241 / 6.12
0.245 / 6.22
-682
0.238 / 6.04
0.240 / 6.10
-822
0.238 / 6.04
0.240 / 6.10


Similar Part No. - AE514PYA

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
More results

Similar Description - AE514PYA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE513PYA COILCRAFT-AE513PYA Datasheet
405Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com