Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE512PJB334MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE512PJB334MSZ
Description  Outgassing Compliant Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE512PJB334MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE512PJB334MSZ Datasheet HTML 1Page - Coilcraft lnc. AE512PJB334MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document AE587-1 Revised 06/07/11
6235 POWER INDUCTORS
OutgassingCompliantPowerInductors AE512PJB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel.
Weight 460 – 480 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 350/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
3.68 mm pocket depth
Recommended pick and place nozzle OD: 6.2 mm; ID:
≤ 3.1 mm
High temperature materials allow operation in ambient
temperatures up to 155°C.
Passes NASA low outgassing specifications
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
max
(MHz)4
10%
20% 30%
20°C 40°C
Part number1
±20% (µH)
(Ohms)
min typ
drop drop drop
rise rise
AE512PJB682MSZ
6.8
0.075
39
55
2.6
2.7
2.8
1.0
1.5
AE512PJB822MSZ
8.2
0.095
34
48
2.5
2.6
2.7
1.0
1.5
AE512PJB103MSZ
10.0
0.100
26
37
2.3
2.4
2.5
1.0
1.4
AE512PJB123MSZ
12.0
0.110
20
29
1.9
2.2
2.3
1.0
1.4
AE512PJB153MSZ
15.0
0.125
18
25
1.9
2.0
2.0
0.97 1.4
AE512PJB183MSZ
18.0
0.140
17
24
1.7
1.8
1.9
0.96 1.3
AE512PJB223MSZ
22.0
0.145
17
24
1.6
1.7
1.7
0.88 1.3
AE512PJB333MSZ
33.0
0.180
11
16
1.3
1.4
1.5
0.80 1.0
AE512PJB473MSZ
47.0
0.245
9.0 13
1.1
1.2
1.2
0.64 0.92
AE512PJB563MSZ
56.0
0.280
8.4 12
1.0
1.0
1.1
0.60 0.86
AE512PJB683MSZ
68.0
0.345
7.6 10.8
0.90
0.94 0.96 0.58 0.80
AE512PJB823MSZ
82.0
0.315
7.0 10.0
0.46
0.52 0.55 0.58 0.76
AE512PJB104MSZ
100.0
0.375
6.3
9.0
0.46
0.52 0.54 0.56 0.72
AE512PJB124MSZ
120.0
0.435
5.8
8.3
0.44
0.48 0.51 0.48 0.64
AE512PJB154MSZ
150.0
0.535
5.1
7.3
0.37
0.43 0.45 0.42 0.58
AE512PJB224MSZ
220.0
0.720
4.0
5.6
0.31
0.36 0.37 0.36 0.51
AE512PJB334MSZ
330.0
1.02
3.0
4.4
0.26
0.29 0.30 0.32 0.44
AE512PJB474MSZ
470.0
1.58
2.5
3.6
0.22
0.25 0.26 0.29 0.40
AE512PJB564MSZ
560.0
1.75
2.2
3.1
0.20
0.22 0.23 0.26 0.37
AE512PJB684MSZ
680.0
1.97
2.0
2.8
0.17
0.19 0.21 0.22 0.32
AE512PJB824MSZ
820.0
2.70
1.8
2.5
0.16
0.18 0.19 0.21 0.26
AE512PJB105MSZ
1000.0
3.20
1.5
2.2
0.14
0.17 0.18 0.19 0.24
AE512PJB155MSZ
1500.0
4.60
1.3
1.9
0.12
0.13 0.14 0.15 0.21
AE512PJB185MSZ
1800.0
5.42
1.2
1.7
0.11
0.12 0.13 0.14 0.18
AE512PJB225MSZ
2200.0
6.40
1.0
1.5
0.090 0.11 0.11 0.13 0.18
AE512PJB335MSZ
3300.0
8.90
0.8
1.1
0.080 0.090 0.10 0.11 0.14
AE512PJB475MSZ
4700.0
14.0
0.66 0.94 0.070 0.077 0.084 0.095 0.12
AE512PJB565MSZ
5600.0
16.4
0.6
0.86 0.070 0.080 0.085 0.080 0.10
AE512PJB685MSZ
6800.0
21.4
0.56 0.80 0.070 0.075 0.080 0.070 0.095
AE512PJB825MSZ
8200.0
24.0
0.49 0.70 0.062 0.070 0.078 0.065 0.090
AE512PJB106MSZ 10000.0
29.0
0.43 0.61 0.059 0.067 0.074 0.060 0.075
1. When ordering, please specify
testing code:
AE512PJB106MSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES
or equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified
temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - AE512PJB334MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE512PYA COILCRAFT-AE512PYA Datasheet
288Kb / 3P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE512PJB334MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE513PYA COILCRAFT-AE513PYA Datasheet
405Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com