Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP312RAB392_LZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # CP312RAB392_LZ
Description  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CP312RAB392_LZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  CP312RAB392_LZ Datasheet HTML 1Page - Coilcraft lnc. CP312RAB392_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
0603 CHIP INDUCTOR
Document CP264-2 Revised 07/11/12
CP312RABSeries(0603)
Inductance2
Percent
SRF min4
DCR max5
Imax
Color
Overall
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(A)
code
width
CP312RAB47N_LZ
47 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1500
0.075
1.40
Black
B1
CP312RAB51N_LZ
51 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.075
1.00
Violet
B1
CP312RAB72N_LZ
72 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.12
1.40
Brown
B1
CP312RAB101_LZ
100 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1150
0.13
1.40
Red
B1
CP312RAB121_LZ
120 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1100
0.15
1.40
Orange
B1
CP312RAB151_LZ
150 @ 7.9 MHz
5,2
15 @ 7.9 MHz
1050
0.15
1.30
Yellow
B1
CP312RAB181_LZ
180 @ 7.9 MHz
5,2
15 @ 7.9 MHz
950
0.15
1.30
Green
B1
CP312RAB241_LZ
240 @ 7.9 MHz
5,2
15 @ 7.9 MHz
800
0.16
0.95
Violet
B1
CP312RAB271_LZ
270 @ 7.9 MHz
5,2
15 @ 7.9 MHz
775
0.30
0.71
Gray
B1
CP312RAB331_LZ
330 @ 7.9 MHz
5,2
15 @ 7.9 MHz
725
0.46
0.56
White
B1
CP312RAB391_LZ
390 @ 7.9 MHz
5,2
15 @ 7.9 MHz
620
0.51
0.50
Black
B1
CP312RAB471_LZ
470 @ 7.9 MHz
5,2
15 @ 7.9 MHz
540
0.62
0.42
Brown
B1
CP312RAB561_LZ
560 @ 7.9 MHz
5,2
15 @ 7.9 MHz
525
0.44
0.55
Red
B1
CP312RAB681_LZ
680 @ 7.9 MHz
5,2
15 @ 7.9 MHz
260
0.52
0.47
Orange
B2
CP312RAB781_LZ
780 @ 7.9 MHz
5,2
15 @ 7.9 MHz
460
0.83
0.39
Yellow
B1
CP312RAB821_LZ
820 @ 7.9 MHz
5,2
15 @ 7.9 MHz
410
0.69
0.40
Green
B2
CP312RAB102_LZ
1000 @ 7.9 MHz
5,2
15 @ 7.9 MHz
190
0.81
0.40
Blue
B2
CP312RAB122_LZ
1200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
160
0.87
0.37
Violet
B2
CP312RAB152_LZ
1500 @ 7.9 MHz
5,2
15 @ 7.9 MHz
100
0.96
0.35
Gray
B2
CP312RAB182_LZ
1800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
80
1.1
0.35
White
B2
CP312RAB222_LZ
2200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
68
1.2
0.32
Black
B2
CP312RAB272_LZ
2700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
60
1.5
0.28
Brown
B2
CP312RAB332_LZ
3300 @ 7.9 MHz
5,2
15 @ 7.9 MHz
42
1.5
0.28
Red
B2
CP312RAB392_LZ
3900 @ 7.9 MHz
5,2
15 @ 7.9 MHz
40
1.6
0.28
Orange
B2
CP312RAB472_LZ
4700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
34
2.1
0.26
Yellow
B2
CP312RAB562_LZ
5600 @ 7.9 MHz
5,2
15 @ 7.9 MHz
32
2.6
0.24
Green
B2
CP312RAB682_LZ
6800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
31
3.1
0.20
Black
B2
CP312RAB782_LZ
7800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
28
3.5
0.20
Blue
B2
CP312RAB822_LZ
8200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
26
3.6
0.19
Violet
B2
CP312RAB103_LZ
10,000 @ 2.5 MHz
5,2
12 @ 2.5 MHz
25
4.8
0.18
Gray
B2
CP312RAB153_LZ
15,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
23
7.1
0.17
White
B2
CP312RAB183_LZ
18,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
22
7.6
0.16
Brown
B2
CP312RAB223_LZ
22,000 @ 2.5 MHz
5,2
22 @ 2.5 MHz
19
8.81
0.13
Black
B2
A
C
D
max
B
max
ref
E
F
G
H
I
J
0.071
0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80
1,12 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
See
note 2
1. Whenordering,please specify
tolerance,terminationandtestingcodes:
CP312RAB822JLZ
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP 4286A
impedance analyzer or equivalent with Coilcraft-provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A
test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or equiva-
lent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF1010 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Suggested
Land Pattern
Notes:
1. Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
2. B1 = 0.040 ±0.004 in / 1,016 ±0,102 mm
B2 = 0.046 ±0.004 in / 1,169 ±0,102 mm


Similar Part No. - CP312RAB392_LZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP312 CENTRAL-CP312 Datasheet
213Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
logo
STMicroelectronics
CP3121 STMICROELECTRONICS-CP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
logo
Coilcraft lnc.
CP312FRA COILCRAFT-CP312FRA Datasheet
340Kb / 2P
   Common Mode Chokes for Critical Applications
CP312FRA142MAZ COILCRAFT-CP312FRA142MAZ Datasheet
340Kb / 2P
   Common Mode Chokes for Critical Applications
CP312FRA222MAZ COILCRAFT-CP312FRA222MAZ Datasheet
340Kb / 2P
   Common Mode Chokes for Critical Applications
More results

Similar Description - CP312RAB392_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com