Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6450 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AON6450
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6450 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AON6450_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6450_11 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AON6450
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
30
60
90
120
150
180
210
0
5
10
15
20
25
30
IS (A)
Figure 17: Diode Reverse Recovery Charge and Peak
Current vs. Conduction Current
8
10
12
14
16
18
20
22
24
26
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
Qrr
Irm
0
30
60
90
120
150
180
210
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 19: Diode Reverse Recovery Charge and
Peak Current vs. di/dt
2
6
10
14
18
22
26
125ºC
125ºC
25ºC
25ºC
Is=20A
Qrr
Irm
0
5
10
15
20
25
30
0
5
10
15
20
25
30
IS (A)
Figure 18: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
0
0.4
0.8
1.2
1.6
2
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
trr
S
0
5
10
15
20
25
30
35
40
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 20: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
0
0.5
1
1.5
2
125ºC
25ºC
25ºC
125ºC
Is=20A
trr
S
Rev 1: May 2011
www.aosmd.com
Page 6 of 7


Similar Part No. - AON6450_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
   N-Channel SDMOS TM Power Transistor
More results

Similar Description - AON6450_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com