Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6502 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6502
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6502 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6502 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6502 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6502 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6502 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6502 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6502 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON6502
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1
1.5
2
V
1.7
2.2
TJ=125°C
2.2
2.8
2.2
2.7
m
gFS
85
S
VSD
0.7
1
V
IS
85
A
Ciss
3430
pF
Coss
1327
pF
Crss
175
pF
Rg
0.3
0.7
1.1
Qg(10V)
53
64
nC
Qg(4.5V)
25
30
nC
Qgs
7.8
nC
Qgd
10.3
nC
tD(on)
7.5
ns
tr
5.0
ns
t
33.8
ns
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
R
=3
Turn-On DelayTime
ID=250µA, VGS=0V
VGS=10V, ID=20A
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=10V, VDS=15V, ID=20A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
VDS=VGS, ID=250µA
VDS=0V, VGS= ±20V
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=5V, ID=20A
DYNAMIC PARAMETERS
VGS=4.5V, ID=20A
RDS(ON)
Static Drain-Source On-Resistance
Diode Forward Voltage
m
tD(off)
33.8
ns
tf
9.8
ns
trr
22
ns
Qrr
58
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
RGEN=3Ω
Turn-Off Fall Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: Nov 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON6502

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6500 AOSMD-AON6500 Datasheet
281Kb / 6P
   30V N-Channel AlphaMOS
AON6504 AOSMD-AON6504 Datasheet
211Kb / 6P
   30V N-Channel AlphaMOS
AON6506 AOSMD-AON6506 Datasheet
297Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
More results

Similar Description - AON6502

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com