Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG707BRU Datasheet(PDF) 1 Page - Analog Devices

Part # ADG707BRU
Description  CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG707BRU Datasheet(HTML) 1 Page - Analog Devices

  ADG707BRU Datasheet HTML 1Page - Analog Devices ADG707BRU Datasheet HTML 2Page - Analog Devices ADG707BRU Datasheet HTML 3Page - Analog Devices ADG707BRU Datasheet HTML 4Page - Analog Devices ADG707BRU Datasheet HTML 5Page - Analog Devices ADG707BRU Datasheet HTML 6Page - Analog Devices ADG707BRU Datasheet HTML 7Page - Analog Devices ADG707BRU Datasheet HTML 8Page - Analog Devices ADG707BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ADG706/ADG707
a
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
CMOS, 2.5
Low-Voltage,
8-/16-Channel Multiplexers
FEATURES
1.8 V to 5.5 V Single Supply
3 V Dual Supply
2.5
On Resistance
0.5
On-Resistance Flatness
100 pA Leakage Currents
40 ns Switching Times
Single 16-to-1 Multiplexer ADG706
Differential 8-to-1 Multiplexer ADG707
28-Lead TSSOP Package
Low-Power Consumption
TTL/CMOS-Compatible Inputs
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG706 and ADG707 are low-voltage, CMOS analog
multiplexers comprising 16 single channels and eight differential
channels respectively. The ADG706 switches one of 16 inputs
(S1–S16) to a common output, D, as determined by the 4-bit
binary address lines A0, A1, A2, and A3. The ADG707 switches
one of eight differential inputs to a common differential output as
determined by the 3-bit binary address lines A0, A1, and A2.
An EN input on both devices is used to enable or disable the
device. When disabled, all channels are switched OFF.
Low-power consumption and operating supply range of 1.8 V to
5.5 V make the ADG706 and ADG707 ideal for battery-powered,
portable instruments. All channels exhibit break-before-make
switching action preventing momentary shorting when switch-
ing channels. These devices are also designed to operate from a
dual supply of
±3 V.
These multiplexers are designed on an enhanced submicron
process that provides low-power dissipation yet gives high-
switching speed, very low on resistance and leakage currents.
On resistance is in the region of a few ohms and is closely
matched between switches and very flat over the full signal
range. These parts can operate equally well as either multiplexers
or demultiplexers and have an input signal range which extends
to the supplies.
The ADG706 and ADG707 are available in small 28-lead TSSOP
packages.
FUNCTIONAL BLOCK DIAGRAMS
S1
S16
A0
D
A3
A1
ADG706
S1A
A0
DA
A1
S8A
S1B
S8B
DB
EN
ADG707
EN
A2
A2
1-OF-16
DECODER
1-OF-8
DECODER
PRODUCT HIGHLIGHTS
1. Single/Dual Supply Operation. The ADG706 and ADG707
are fully specified and guaranteed with 3 V and 5 V single
supply and
±3 V dual supply rails.
2. Low On Resistance (2.5
Ω typical).
3. Low-Power Consumption (<0.01
µW).
4. Guaranteed Break-Before-Make Switching Action.
5. Small 28-Lead TSSOP Package.


Similar Part No. - ADG707BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG707BRU AD-ADG707BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRU AD-ADG707BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRU AD-ADG707BRU Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results

Similar Description - ADG707BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com