Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG709BRU Datasheet(PDF) 6 Page - Analog Devices

Part # ADG709BRU
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG709BRU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG709BRU Datasheet HTML 2Page - Analog Devices ADG709BRU Datasheet HTML 3Page - Analog Devices ADG709BRU Datasheet HTML 4Page - Analog Devices ADG709BRU Datasheet HTML 5Page - Analog Devices ADG709BRU Datasheet HTML 6Page - Analog Devices ADG709BRU Datasheet HTML 7Page - Analog Devices ADG709BRU Datasheet HTML 8Page - Analog Devices ADG709BRU Datasheet HTML 9Page - Analog Devices ADG709BRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG708/ADG709
–6–
REV. 0
VDD
Most positive power supply potential.
VSS
Most negative power supply in a dual supply
application. In single supply applications, this
should be tied to ground at the device.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
IN
Logic Control Input.
RON
Ohmic resistance between D and S.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on-resistance
as measured over the specified analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance. Measured
with reference to ground.
CD (OFF)
“OFF” switch drain capacitance. Measured
with reference to ground.
CD, CS (ON)
“ON” switch capacitance. Measured with
reference to ground.
CIN
Digital Input Capacitance.
tTRANSITION
Delay time measured between the 50% and 90%
points of the digital inputs and the switch “ON”
condition when switching from one address state
to another.
TERMINOLOGY
tON (EN)
Delay time between the 50% and 90% points
of the EN digital input and the switch “ON”
condition.
tOFF (EN)
Delay time between the 50% and 90% points
of the EN digital input and the switch “OFF”
condition.
tOPEN
“OFF” time measured between the 80% points
of both switches when switching from one address
state to another.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Charge
A measure of the glitch impulse transferred from
Injection
the digital input to the analog output during
switching.
Bandwidth
The frequency at which the output is attenuated
by 3 dBs.
On Response The frequency response of the “ON” switch.
On Loss
The loss due to the ON resistance of the switch.
VINL
Maximum input voltage for Logic “0.”
VINH
Minimum input voltage for Logic “1.”
IINL (IINH)
Input current of the digital input.
IDD
Positive Supply Current.
ISS
Negative Supply Current.


Similar Part No. - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL7 AD-ADG709BRU-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
logo
Analog Devices
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com