Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG709BRU Datasheet(PDF) 2 Page - Analog Devices

Part # ADG709BRU
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG709BRU Datasheet(HTML) 2 Page - Analog Devices

  ADG709BRU Datasheet HTML 1Page - Analog Devices ADG709BRU Datasheet HTML 2Page - Analog Devices ADG709BRU Datasheet HTML 3Page - Analog Devices ADG709BRU Datasheet HTML 4Page - Analog Devices ADG709BRU Datasheet HTML 5Page - Analog Devices ADG709BRU Datasheet HTML 6Page - Analog Devices ADG709BRU Datasheet HTML 7Page - Analog Devices ADG709BRU Datasheet HTML 8Page - Analog Devices ADG709BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADG708/ADG709–SPECIFICATIONS1(V
DD = 5 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted)
B Version
C Version
–40 C
–40 C
Parameter
+25 C
to +85 C
+25 C to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
0 V to VDD
V
On-Resistance (RON)3
3
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
4.5
5
4.5
5
Ω max
Test Circuit 1
On-Resistance Match Between
0.4
0.4
Ω typ
Channels (
∆R
ON)
0.8
0.8
Ω max
VS = 0 V to VDD, IDS = 10 mA
On-Resistance Flatness (RFLAT(ON))
0.75
0.75
Ω typ
VS = 0 V to VDD, IDS = 10 mA
1.2
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±20
±0.1
±0.3
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±20
±0.1
±0.75
nA max
Test Circuit 3
Channel ON Leakage ID, IS (ON)
±0.01
±0.01
nA typ
VD = VS = 1 V, or 4.5 V, Test Circuit 4
±20
±0.1
±0.75
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
µA typ
VIN = VINL or VINH
±0.1
±0.1
µA max
CIN, Digital Input Capacitance
2
2
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
14
14
ns typ
RL = 300 Ω, CL = 35 pF, Test Circuit 5
25
25
ns max
VS1 = 3 V/0 V, VS8 = 0 V/3 V
Break-Before-Make Time Delay, tD
8
8
ns typ
RL = 300 Ω, CL = 35 pF
1
1
ns min
VS = 3 V, Test Circuit 6
tON(EN)
14
14
ns typ
RL = 300 Ω, CL = 35 pF
25
25
ns max
VS = 3 V, Test Circuit 7
tOFF(EN)
7
7
ns typ
RL = 300 Ω, CL = 35 pF
12
12
ns max
VS = 3 V, Test Circuit 7
Charge Injection
±3
±3
pC typ
VS = 2.5 V, RS = 0 Ω, CL = 1 nF;
Test Circuit 8
Off Isolation
–60
–60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
–80
–80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 9
Channel-to-Channel Crosstalk
–60
–60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
–80
–80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 10
–3 dB Bandwidth
55
55
MHz typ
RL = 50 Ω, CL = 5 pF, Test Circuit 9
CS (OFF)
13
13
pF typ
CD (OFF)
ADG708
85
85
pF typ
ADG709
42
42
pF typ
CD, CS (ON)
ADG708
96
96
pF typ
ADG709
48
48
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
1.0
µA max
NOTES
1Temperature range is as follows: B and C Versions: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.


Similar Part No. - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL7 AD-ADG709BRU-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
logo
Analog Devices
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com