Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG719 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG719
Description  CMOS Low Voltage 4 ohm SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719 Datasheet(HTML) 8 Page - Analog Devices

  ADG719 Datasheet HTML 1Page - Analog Devices ADG719 Datasheet HTML 2Page - Analog Devices ADG719 Datasheet HTML 3Page - Analog Devices ADG719 Datasheet HTML 4Page - Analog Devices ADG719 Datasheet HTML 5Page - Analog Devices ADG719 Datasheet HTML 6Page - Analog Devices ADG719 Datasheet HTML 7Page - Analog Devices ADG719 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG719
–8–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead
SOIC
(RM-8)
85
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33°
27°
0.120 (3.05)
0.112 (2.84)
6-Lead Plastic Surface Mount Package
(RT-6)
0.122 (3.10)
0.106 (2.70)
PIN 1
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95) BSC
1
3
4
5
6
2
0.071 (1.80)
0.059 (1.50)
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
0
0.020 (0.50)
0.010 (0.25)
0.006 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)


Similar Part No. - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719BRM AD-ADG719BRM Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL AD-ADG719BRM-REEL Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL7 AD-ADG719BRM-REEL7 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRMZ AD-ADG719BRMZ Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
More results

Similar Description - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
ADG736L AD-ADG736L Datasheet
269Kb / 12P
   CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com