Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG713BRU Datasheet(PDF) 5 Page - Analog Devices

Part # ADG713BRU
Description  CMOS Low Voltage 4 ohm Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG713BRU Datasheet(HTML) 5 Page - Analog Devices

  ADG713BRU Datasheet HTML 1Page - Analog Devices ADG713BRU Datasheet HTML 2Page - Analog Devices ADG713BRU Datasheet HTML 3Page - Analog Devices ADG713BRU Datasheet HTML 4Page - Analog Devices ADG713BRU Datasheet HTML 5Page - Analog Devices ADG713BRU Datasheet HTML 6Page - Analog Devices ADG713BRU Datasheet HTML 7Page - Analog Devices ADG713BRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG711/ADG712/ADG713
–5–
REV. 0
VDD
Most positive power supply potential.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
∆R
ON
On resistance match between any two chan-
nels i.e., RONmax–RONmin.
RFLAT(ON)
Flatness is defined as the difference between
the maximum and minimum value of on-
resistance as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” time or “ON” time measured
between the 90% points of both switches,
when switching from one address state to
another. (ADG713 only).
Crosstalk
A measure of unwanted signal that is coupled
through from one channel to another as a
result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
Bandwidth
The frequency at which the output is attenu-
ated by 3 dB.
On Response
The frequency response of the “ON” switch.
On Loss
The voltage drop across the “ON” switch,
seen on the On Response vs. Frequency plot
as how many dBs the signal is away from
0 dB at very low frequencies.
TERMINOLOGY
Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6
0
0
0.5
VDD = +2.7V
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
VDD = +3V
VDD = +4.5V
VDD = +5V
TA = +25 C
5
Figure 1. On Resistance as a Function of VD (VS)
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6
0
0
+85 C
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
13
VDD = +3V
–40 C
0.5
1.5
2
2.5
+25 C
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V


Similar Part No. - ADG713BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG713BRU AD-ADG713BRU Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRU-REEL AD-ADG713BRU-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRU-REEL7 AD-ADG713BRU-REEL7 Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRUZ AD-ADG713BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRUZ-REEL AD-ADG713BRUZ-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Similar Description - ADG713BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com