Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG732BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADG732BCP
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG732BCP Datasheet(HTML) 1 Page - Analog Devices

  ADG732BCP Datasheet HTML 1Page - Analog Devices ADG732BCP Datasheet HTML 2Page - Analog Devices ADG732BCP Datasheet HTML 3Page - Analog Devices ADG732BCP Datasheet HTML 4Page - Analog Devices ADG732BCP Datasheet HTML 5Page - Analog Devices ADG732BCP Datasheet HTML 6Page - Analog Devices ADG732BCP Datasheet HTML 7Page - Analog Devices ADG732BCP Datasheet HTML 8Page - Analog Devices ADG732BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADG726/ADG732
=
REV. PrD 2001
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2001
16-/32- Channel, 3.5
1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
FEATURES
1.8 V to 5.5 V Single Supply
±2.5 V Dual Supply Operation
3.5
Ω On Resistance
0.5
Ω On Resistance Flatness
Rail to Rail Operation
30ns Switching Times
Single 32 to 1 Channel Multiplexer
Dual/Differential 16 to 1 Channel Multiplexer
TTL/CMOS Compatible Inputs
For Functionally Equivalent devices with Serial Interface
See ADG725/ADG731
APPLICATIONS
Optical Applications
Data Acquisition Systems
Communication Systems
Relay replacement
Audio and Video Switching
Battery Powered Systems
Medical Instrumentation
Automatic Test Equipment
GENERAL DESCRIPTION
The ADG726/ADG732 are monolithic CMOS 32
channel/dual 16 channel analog multiplexers. The
ADG732 switches one of thirty-two inputs (S1-S32) to a
common output, D, as determined by the 5-bit binary
address lines A0, A1, A2, A3 and A4. The ADG726
switches one of sixteen inputs as determined by the four
bit binary address lines, A0, A1, A2 and A3.
On chip latches facilitate microprocessor interfacing. The
ADG726 device may also be configured for differential
operation by tying CSA and CSB together. An
EN input
is used to enable or disable the devices. When disabled, all
channels are switched OFF.
These multiplexers are designed on an enhanced submi-
cron process that provides low power dissipation yet gives
high switching speed, very low on resistance and leakage
currents. They operate from single supply of 1.8V to 5.5V
and ±2.5 V dual supply, making them ideally suited to a
variety of applications. On resistance is in the region of a
few Ohms and is closely matched between switches and
very flat over the full signal range. These parts can operate
equally well as either Multiplexers or De-Multiplexers
PRODUCT HIGHLIGHTS
1.
+1.8 V to +5.5 V Single or ±2.5 V Dual Supply
operation. These parts are specified and guaranteed
with +5 V ±10%, +3 V ±10% single supply and
±2.5 V ±10% dual supply rails.
2.
On Resistance of 3.5
Ω.
3.
Guaranteed Break-Before-Make Switching Action.
4.
7mm x 7mm 48 lead LF Chip Scale Package (CSP)
or 48 lead TQFP package.
FUNCTIONAL BLOCK DIAGRAMS
S1
S32
A0
D
A3
A1
ADG732
EN
1 OF 32
DECODER
A2
A4
WR
S1A
A1
DA
A2
S16A
S1B
S16B
DB
EN
ADG726
1 OF 16
DECODER
A3
A0
WR
CSA
CS
CSB
and have an input signal range which extends to the sup-
plies. In the OFF condition, signal levels up to the
supplies are blocked. All channels exhibit break before
make switching action preventing momentary shorting
when switching channels.
They are available in either 48 lead LFCSP or TQFP
package.


Similar Part No. - ADG732BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG732BCP AD-ADG732BCP Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BCP AD-ADG732BCP Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results

Similar Description - ADG732BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com