Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG759 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG759
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG759 Datasheet(HTML) 5 Page - Analog Devices

  ADG759 Datasheet HTML 1Page - Analog Devices ADG759 Datasheet HTML 2Page - Analog Devices ADG759 Datasheet HTML 3Page - Analog Devices ADG759 Datasheet HTML 4Page - Analog Devices ADG759 Datasheet HTML 5Page - Analog Devices ADG759 Datasheet HTML 6Page - Analog Devices ADG759 Datasheet HTML 7Page - Analog Devices ADG759 Datasheet HTML 8Page - Analog Devices ADG759 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG758/ADG759
–5–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –3.5 V
Analog Inputs
2 . . . . . . . . . . . . . . V
SS – 0.3 V to VDD +0.3 V or
30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . . –0.3 V to V
DD +0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG758/ADG759 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Chip Scale Package,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 32°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at EN, A, S, or D will be clamped by internal diodes. Current should
be limited to the maximum ratings given.
Table I. ADG758 Truth Table
A2
A1
A0
EN
Switch Condition
X
XX0
NONE
0
001
1
0
011
2
0
101
3
0
111
4
1
001
5
1
011
6
1
101
7
1
111
8
X = Don’t Care
Table II. ADG759 Truth Table
A1
A0
EN
ON Switch Pair
XX
0
NONE
00
1
1
01
1
2
10
1
3
11
1
4
X = Don’t Care
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG758BCP
–40
°C to +85°C
20-Lead Chip Scale Package (CSP)
CP-20
ADG759BCP
–40
°C to +85°C
20-Lead Chip Scale Package (CSP)
CP-20
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
EN
VSS
S1
S2
S3
GND
VDD
S5
S6
S7
ADG758
1
2
3
4
5
67
89
10
11
12
13
14
15
16
17
18
19
20
NC = NO CONNECT
EXPOSED PAD TIED TO SUBSTRATE, VSS
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
EN
S1A
S2A
S3A
GND
VDD
S1B
S2B
S3B
ADG759
1
2
3
4
5
6
78
910
11
12
13
14
15
16
17
18
19
20
NC = NO CONNECT
EXPOSED PAD TIED TO SUBSTRATE, VSS
VSS


Similar Part No. - ADG759

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ-REEL AD-ADG759BCPZ-REEL Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ-REEL7 AD-ADG759BCPZ-REEL7 Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results

Similar Description - ADG759

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG708 AD-ADG708 Datasheet
142Kb / 12P
   CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV. 0
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Analog Devices
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com