Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG782 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG782
Description  2.5 ohm Quad SPST Switches in Chip Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG782 Datasheet(HTML) 1 Page - Analog Devices

  ADG782 Datasheet HTML 1Page - Analog Devices ADG782 Datasheet HTML 2Page - Analog Devices ADG782 Datasheet HTML 3Page - Analog Devices ADG782 Datasheet HTML 4Page - Analog Devices ADG782 Datasheet HTML 5Page - Analog Devices ADG782 Datasheet HTML 6Page - Analog Devices ADG782 Datasheet HTML 7Page - Analog Devices ADG782 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG781/ADG782/ADG783
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
2.5
Quad SPST Switches
in Chip Scale Package
FUNCTIONAL BLOCK DIAGRAMS
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG781
SWITCHES SHOWN FOR A LOGIC “1” INPUT
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG782
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG783
FEATURES
1.8 V to 5.5 V Single Supply
Low On Resistance (2.5
Typ)
Low On-Resistance Flatness (0.5
)
–3 dB Bandwidth > 200 MHz
Rail-to-Rail Operation
20-Lead 4 mm
4 mm Chip Scale Package
Fast Switching Times
tON = 16 ns
tOFF = 10 ns
Typical Power Consumption (< 0.01
W)
TTL/CMOS Compatible
For Functionally Equivalent Devices in 16-Lead TSSOP
and SOIC Packages, See ADG711/ADG712/ADG713
APPLICATIONS
Battery Powered Systems
Communication Systems
Sample Hold Systems
Audio Signal Routing
Video Switching
Mechanical Reed Relay Replacement
GENERAL DESCRIPTION
The ADG781, ADG782, and ADG783 are monolithic CMOS
devices containing four independently selectable switches. These
switches are designed on an advanced submicron process that
provides low power dissipation and high switching speed, low on
resistance, low leakage currents and high bandwidth.
They are designed to operate from a single 1.8 V to 5.5 V sup-
ply, making them ideal for use in battery powered instruments
and with the new generation of DACs and ADCs from Analog
Devices. Fast switching times and high bandwidth make the
part suitable for video signal switching.
The ADG781, ADG782, and ADG783 contain four independent
single-pole/single throw (SPST) switches. The ADG781 and
ADG782 differ only in that the digital control logic is inverted.
The ADG781 switches are turned on with a logic low on the
appropriate control input, while a logic high is required to turn
on the switches of the ADG782. The ADG783 contains two
switches whose digital control logic is similar to the ADG781,
while the logic is inverted on the other two switches.
Each switch conducts equally well in both directions when ON.
The ADG783 exhibits break-before-make switching action.
The ADG781/ADG782/ADG783 are available in 20-lead chip
scale packages.
PRODUCT HIGHLIGHTS
1. 20-Lead 4 mm
4 mm Chip Scale Package (CSP).
2. 1.8 V to 5.5 V Single Supply Operation. The ADG781,
ADG782, and ADG783 offer high performance and are
fully specified and guaranteed with 3 V and 5 V supply
rails.
3. Very Low RON (4.5
Ω max at 5 V, 8 Ω max at 3 V). At supply
voltage of 1.8 V, RON is typically 35
Ω over the temperature
range.
4. Low On-Resistance Flatness.
5. –3 dB Bandwidth >200 MHz.
6. Low Power Dissipation. CMOS construction ensures low
power dissipation.
7. Fast tON/tOFF.
8. Break-Before-Make Switching. This prevents channel shorting
when the switches are configured as a multiplexer (ADG783
only).


Similar Part No. - ADG782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
More results

Similar Description - ADG782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG783 AD-ADG783_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
logo
Maxim Integrated Produc...
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com