Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG781BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADG781BCP
Description  2.5 ohm Quad SPST Switches in Chip Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG781BCP Datasheet(HTML) 5 Page - Analog Devices

  ADG781BCP Datasheet HTML 1Page - Analog Devices ADG781BCP Datasheet HTML 2Page - Analog Devices ADG781BCP Datasheet HTML 3Page - Analog Devices ADG781BCP Datasheet HTML 4Page - Analog Devices ADG781BCP Datasheet HTML 5Page - Analog Devices ADG781BCP Datasheet HTML 6Page - Analog Devices ADG781BCP Datasheet HTML 7Page - Analog Devices ADG781BCP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
ADG781/ADG782/ADG783
–5–
VDD
Most positive power supply potential.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
∆RON
On-resistance match between any two chan-
nels (i.e., RON max and RON min).
RFLAT(ON)
Flatness is defined as the difference between
the maximum and minimum value of on
resistance as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” time or “ON” time measured
between the 90% points of both switches,
when switching from one address state to
another (ADG783 only).
Crosstalk
A measure of unwanted signal that is coupled
through from one channel to another as a
result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
On Response
The frequency response of the “ON” switch.
On Loss
The loss due to the on resistance of the switch.
TERMINOLOGY
Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
0.5
VDD = 2.7V
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
VDD = 3V
VDD = 4.5V
VDD = 5V
TA = 25 C
5
TPC 1. On Resistance as a Function of VD (VS)
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
+85 C
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
13
VDD = 3V
–40 C
0.5
1.5
2
2.5
+25 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6
0
0
0.5
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = 5V
+85 C
–40 C
+25 C
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
VDD = 5V
4 SW
1 SW
FREQUENCY – Hz
10m
1m
1n
100
10M
1k
10k
100k
1M
100
10
1
100n
10n
TPC 4. Supply Current vs. Input Switching Frequency


Similar Part No. - ADG781BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
More results

Similar Description - ADG781BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG783 AD-ADG783_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
logo
Maxim Integrated Produc...
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com