Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6850 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AON6850
Description  100V Dual N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6850 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  AON6850 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6850 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AON6850
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
ttr
d(on)
ton
t
d(off)
t f
toff
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
DSS
2
E = 1/2 LI
dI/dt
I RM
rr
Vdd
Vdd
Q = - Idt
AR
AR
trr
Rev 0: Feb 2010
www.aosmd.com
Page 7 of 7


Similar Part No. - AON6850

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6810 AOSMD-AON6810 Datasheet
77Kb / 1P
   DFN5X6 PACKAGE MARKING DESCRIPTION
AON6810L AOSMD-AON6810L Datasheet
77Kb / 1P
   DFN5X6 PACKAGE MARKING DESCRIPTION
AON6812 AOSMD-AON6812 Datasheet
77Kb / 1P
   DFN5X6 PACKAGE MARKING DESCRIPTION
AON6812L AOSMD-AON6812L Datasheet
77Kb / 1P
   DFN5X6 PACKAGE MARKING DESCRIPTION
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results

Similar Description - AON6850

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4892 AOSMD-AO4892 Datasheet
350Kb / 6P
   100V Dual N-Channel MOSFET
AO4886 AOSMD-AO4886 Datasheet
556Kb / 6P
   100V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
   100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
   100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3601 KEXIN-KDS3601 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
logo
Pan Jit International I...
PJQ5882A PANJIT-PJQ5882A Datasheet
829Kb / 6P
   100V Dual N-Channel Enhancement Mode Mosfet
June 23,2020 PJQ5882A-REV.00
logo
Fairchild Semiconductor
FDC3601N FAIRCHILD-FDC3601N Datasheet
91Kb / 5P
   Dual N-Channel 100V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDC3601N-TP TECHPUBLIC-FDC3601N-TP Datasheet
3Mb / 6P
   100V Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com