Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG802BRM Datasheet(PDF) 8 Page - Analog Devices

Part # ADG802BRM
Description  <0.5 ohm CMOS, Low Voltage, SPST Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG802BRM Datasheet(HTML) 8 Page - Analog Devices

  ADG802BRM Datasheet HTML 1Page - Analog Devices ADG802BRM Datasheet HTML 2Page - Analog Devices ADG802BRM Datasheet HTML 3Page - Analog Devices ADG802BRM Datasheet HTML 4Page - Analog Devices ADG802BRM Datasheet HTML 5Page - Analog Devices ADG802BRM Datasheet HTML 6Page - Analog Devices ADG802BRM Datasheet HTML 7Page - Analog Devices ADG802BRM Datasheet HTML 8Page - Analog Devices ADG802BRM Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADG801/ADG802
–8–
REV. PrE
PRELIMINARY TECHNICAL DATA
Test Circuits
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
A
VD
ID (ON)
NC
NC=No Connect
Test Circuit 3. On Leakage
VS
IN
SD
GND
RL
300
CL
35pF
VOUT
ADG801
ADG802
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
VDD
0.1
µ F
VDD
Test Circuit 4. Switching Times
VS
IN
SD
VDD
GND
CL
1nF
VOUT
RS
ADG801
ADG802
VIN
VIN
VOUT
OFF
VOUT
ON
QINJ = CL
VOUT
VDD
Test Circuit 5. Charge Injection
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VIN
S
D
50
OFF ISOLATION = 20 LOG
VOUT
VS
VDD
0.1
µ F
VDD
Test Circuit 6. Off Isolation
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VDD
0.1
µ F
VDD
Test Circuit 7. Bandwidth


Similar Part No. - ADG802BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG802BRM AD-ADG802BRM Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL AD-ADG802BRM-REEL Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL7 AD-ADG802BRM-REEL7 Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ AD-ADG802BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ-REEL AD-ADG802BRMZ-REEL Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
More results

Similar Description - ADG802BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com