Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1021ARQ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1021ARQ
Description  Low Cost Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021ARQ Datasheet(HTML) 5 Page - Analog Devices

  ADM1021ARQ Datasheet HTML 1Page - Analog Devices ADM1021ARQ Datasheet HTML 2Page - Analog Devices ADM1021ARQ Datasheet HTML 3Page - Analog Devices ADM1021ARQ Datasheet HTML 4Page - Analog Devices ADM1021ARQ Datasheet HTML 5Page - Analog Devices ADM1021ARQ Datasheet HTML 6Page - Analog Devices ADM1021ARQ Datasheet HTML 7Page - Analog Devices ADM1021ARQ Datasheet HTML 8Page - Analog Devices ADM1021ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM1021
–5–
REV. 0
FREQUENCY – Hz
10
0
50
50M
500
5k
50k
500k
5M
6
5
4
2
1
3
10mV SQ. WAVE
9
8
7
100k
25M
Figure 8. Temperature Error vs. Differential-Mode Noise
Frequency
CONVERSION RATE – Hz
200
0
0.0625
8
0.125
0.25
0.5
1
2
4
180
80
60
40
20
140
100
160
120
VCC = +5V
VCC = +3.3V
Figure 9. Operating Supply Current vs. Conversion
Rate
SUPPLY VOLTAGE – Volts
100
40
–20
0
1.1 1.3
1.5 1.7 1.9 2.1
2.3 2.5 2.7
2.9 3.5
4.5
80
60
20
0
ADDX = HI-Z
ADDX = GND
Figure 10. Standby Supply Current vs. Supply Voltage
TIME – Sec
125
100
0
T = 0
T = 10
T = 2
T = 4
T = 6
T = 8
75
50
25
IMMERSED
IN +115 C
FLUORINERT BATH
Figure 11. Response to Thermal Shock
FUNCTIONAL DESCRIPTION
The ADM1021 contains a two-channel A-to-D converter with
special input-signal conditioning to enable operation with remote
and on-chip diode temperature sensors. When the ADM1021 is
operating normally, the A-to-D converter operates in a free-
running mode. The analog input multiplexer alternately selects
either the on-chip temperature sensor to measure its local tem-
perature, or the remote temperature sensor. These signals are
digitized by the ADC and the results stored in the Local and
Remote Temperature Value Registers as 8-bit, twos complement
words.
The measurement results are compared with Local and Remote,
High and Low Temperature Limits, stored in four on-chip regis-
ters. Out-of-limit comparisons generate flags that are stored in
the status register, and one or more out-of-limit results will
cause the
ALERT output to pull low.
The limit registers can be programmed, and the device con-
trolled and configured, via the serial System Management Bus.
The contents of any register can also be read back via the SMBus.
Control and configuration functions consist of:
• Switching the device between normal operation and standby
mode.
• Masking or enabling the
ALERT output.
• Selecting the conversion rate.
MEASUREMENT METHOD
A simple method of measuring temperature is to exploit the
negative temperature coefficient of a diode, or the base-emitter
voltage of a transistor, operated at constant current. Unfortu-
nately, this technique requires calibration to null out the effect
of the absolute value of Vbe, which varies from device to device.
The technique used in the ADM1021 is to measure the change
in Vbe when the device is operated at two different currents.
This is given by:
∆V
be = KT/q × ln (N)
where:
K is Boltzmann’s constant
q is charge on the electron (1.6 x 10
–19 Coulombs)
T is absolute temperature in Kelvins
N is ratio of the two currents


Similar Part No. - ADM1021ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

Similar Description - ADM1021ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com