Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1023 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1023
Description  ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1023 Datasheet(HTML) 4 Page - Analog Devices

  ADM1023 Datasheet HTML 1Page - Analog Devices ADM1023 Datasheet HTML 2Page - Analog Devices ADM1023 Datasheet HTML 3Page - Analog Devices ADM1023 Datasheet HTML 4Page - Analog Devices ADM1023 Datasheet HTML 5Page - Analog Devices ADM1023 Datasheet HTML 6Page - Analog Devices ADM1023 Datasheet HTML 7Page - Analog Devices ADM1023 Datasheet HTML 8Page - Analog Devices ADM1023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1023
–4–
REV. A
–Typical Performance Characteristics
LEAKAGE RESISTANCE – M
20
15
–25
100
10
1
0
–10
–15
–20
10
5
–5
–30
D+ TO GND
D+ TO VDD
Figure 2. Temperature Error vs. Resistance from Track to
VDD and GND
3
1
0
2
FREQUENCY – Hz
100
4
5
1k
10k
100k
1M
10M
100M
250mV p-p REMOTE
100mV p-p REMOTE
Figure 3. Remote Temperature Error vs. Supply Noise
Frequency
5
4
3
1
0
2
FREQUENCY – Hz
1
10
1k
10k
10M
100M
6
7
8
9
100
100k
1M
50mV p-p
100mV p-p
25mV p-p
Figure 4. Temperature Error vs. Common-Mode Noise
Frequency
1
–1
–3
–2
TEMPERATURE – C
50
2
3
60
70
80
90
110
120
0
100
Figure 5. Temperature Error of ADM1023 vs. Pentium III
Temperature
CAPACITANCE – nF
–1
2
12
14
4
6
8
1012
1416
18
20
22
24
0
2
4
6
8
10
Figure 6. Temperature Error vs. Capacitance Between D+
and D–
SCLK FREQUENCY – kHz
1
20
0
VDD = 3.3V
5
10
25
50
75
100
1000
250
500
750
40
60
70
50
30
10
VDD = 5V
Figure 7. Standby Supply Current vs. SCLK Frequency


Similar Part No. - ADM1023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023 ONSEMI-ADM1023 Datasheet
236Kb / 16P
   ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
April, 2012 ??Rev. 10
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-REEL ONSEMI-ADM1023ARQZ-REEL Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Similar Description - ADM1023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023 ONSEMI-ADM1023_12 Datasheet
236Kb / 16P
   ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
April, 2012 ??Rev. 10
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com