Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7242 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON7242
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7242 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON7242 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7242 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7242 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7242 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7242 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7242 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON7242
Symbol
Min
Typ
Max
Units
BVDSS
40
V
VDS=40V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.3
V
ID(ON)
255
A
3.2
3.9
TJ=125°C
4.9
6.0
4.5
5.8
m
gFS
80
S
VSD
0.69
1
V
IS
50
A
Ciss
1575
1970
2365
pF
Coss
375
540
705
pF
Crss
12
41
70
pF
Rg
0.4
0.8
1.2
Qg(10V)
21
26.5
32
nC
Qg(4.5V)
9
11.9
15
nC
Qgs
6.2
nC
Qgd
2.2
nC
tD(on)
7
ns
t
16
ns
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
VGS=10V, VDS=20V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
IS=1A,VGS=0V
VDS=5V, ID=20A
SWITCHING PARAMETERS
Maximum Body-Diode Continuous Current
G
Input Capacitance
VGS=4.5V, ID=20A
Forward Transconductance
Diode Forward Voltage
V
=10V, V =20V, R =1
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
Reverse Transfer Capacitance
VGS=0V, VDS=20V, f=1MHz
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS, ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
On state drain current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
RDS(ON)
tr
16
ns
tD(off)
23
ns
tf
3
ns
trr
12
16
20
ns
Qrr
36
47
58
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On Rise Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
IF=20A, dI/dt=500A/µs
VGS=10V, VDS=20V, RL=1Ω,
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA t ≤ 10s value and the maximum allowed junction temperature of 150°C. The value in any given
application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: July 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON7242

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7240 AOSMD-AON7240 Datasheet
156Kb / 6P
   40V N-Channel MOSFET
AON7244 AOSMD-AON7244 Datasheet
282Kb / 6P
   60V N-Channel MOSFET
AON7246 AOSMD-AON7246 Datasheet
277Kb / 6P
   60V N-Channel MOSFET
AON7246E AOSMD-AON7246E Datasheet
343Kb / 6P
   RoHS and Halogen-Free Compliant
More results

Similar Description - AON7242

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com