Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7402 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON7402
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7402 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON7402 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7402 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7402 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7402 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7402 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7402 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AON7402
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
10
20
30
40
50
60
0
1
2
3
4
5
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
4
6
8
10
12
14
16
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
25
°
C
125
°
C
V
DS=5V
V
GS=4.5V
V
GS=10V
0
20
40
60
80
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=3V
3.5V
6V
10V
4V
4.5V
40
0
10
20
30
40
50
60
0
1
2
3
4
5
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
4
6
8
10
12
14
16
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25
°
C
125
°
C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
0
5
10
15
20
25
30
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25
°
C
125
°
C
V
DS=5V
V
GS=4.5V
V
GS=10V
I
D=20A
25
°
C
125
°
C
0
20
40
60
80
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=3V
3.5V
6V
10V
4V
4.5V
Rev 6: Nov 2011
www.aosmd.com
Page 3 of 6


Similar Part No. - AON7402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AON7402 AD-AON7402 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
AON7402 AD-AON7402 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
AON7402 AD-AON7402 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
VBsemi Electronics Co.,...
AON7402 VBSEMI-AON7402 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AON7402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com