Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7404 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7404
Description  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7404 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7404 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7404 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7404 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7404 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7404 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7404 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON7404
20V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=4.5V)
20A
RDS(ON) (at VGS=4.5V)
< 6m
RDS(ON) (at VGS=2.5V)
< 7.5m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
160
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Typ
Max
TC=25°C
3.1
16
TC=100°C
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
30
60
40
V
±12
Gate-Source Voltage
Drain-Source Voltage
20
The AON7404 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
20V
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
16
Continuous Drain
Current
162
20
A
57
A
TA=25°C
IDSM
A
TA=70°C
ID
40
31
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
40
2
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.6
75
3.1
G
D
S
Top View
1
2
3
4
8
7
6
5
DFN 3x3_EP
Top View
Bottom View
Pin 1
Rev 2: Mar. 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AON7404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7400 AOSMD-AON7400 Datasheet
160Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AON7400 AOSMD-AON7400 Datasheet
205Kb / 5P
   30V N-Channel MOSFET
AON7400A AOSMD-AON7400A Datasheet
177Kb / 6P
   30V N-Channel MOSFET
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
   DFN3X3 PACKAGE MARKING DESCRIPTION
AON7400 AOSMD-AON7400_11 Datasheet
205Kb / 5P
   30V N-Channel MOSFET
More results

Similar Description - AON7404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com