Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1026 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 4 Page - Analog Devices

  ADM1026 Datasheet HTML 1Page - Analog Devices ADM1026 Datasheet HTML 2Page - Analog Devices ADM1026 Datasheet HTML 3Page - Analog Devices ADM1026 Datasheet HTML 4Page - Analog Devices ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
ADM1026
Rev. A | Page 4 of 56
Parameter
Min
Typ
Max
Test Conditions/Comments
Unit
High Level Output Leakage Current, IOH
0.1
1
VOUT = VCC
µA
Output Low Voltage, VOL
0.4
IOUT = −3.0 mA, VCC = 3.3 V
V
PWM Output Frequency
75
Hz
DIGITAL OUTPUTS (INT, RESETMAIN, RESETBY)
Output Low Voltage, VOL
0.4
IOUT = −3.0 mA, VCC = 3.3 V
V
RESET Pulse Width
140
180
240
ms
OPEN DRAIN SERIAL DATABUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
IOUT = –3.0 mA, VCC = 3.3 V
V
High Level Output Leakage Current, IOH
0.1
1
VOUT = VCC
µA
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.2
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (ADD, CI, FAN 0 to 7, GPIO 0 to 16)7, 8
Input High Voltage, VIH
2.4
VCC = 3.3 V
V
Input Low Voltage, VIL
0.8
VCC = 3.3 V
V
Hysteresis (Fan 0 to 7)
250
VCC = 3.3 V
mV
RESETMAIN, RESETSTBY
RESETMAIN Threshold
2.89
2.94
2.97
Falling voltage
V
RESETSBY Threshold
3.01
3.05
3.10
Falling voltage
V
RESETMAIN Hysteresis
60
mV
RESETSTBY Hysteresis
70
mV
DIGITAL INPUT CURRENT
Input High Current, IIH
–1
VIN = VCC
µA
Input Low Current, IIL
1
VIN = 0
µA
Input Capacitance, CIN
20
pF
EEPROM RELIABILITY
Endurance9
100
700
kcycles
Data Retention10
10
Years
SERIAL BUS TIMING
See Figure 2 for all parameters.
Clock Frequency, fSCLK
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
µs
Start Setup Time, tSU; STA
4.7
µs
Start Hold Time, tHD; STA
4
µs
SCL Low Time, tLOW
4.7
µs
SCL High Time, tHIGH
4
µs
SCL, SDA Rise Time, tr
1000
ns
SCL, SDA Fall Time, tf
300
ns
Data Setup Time, tSU; DAT
250
ns
Data Hold Time, tHD; DAT
300
ns
1 All voltages are measured with respect to GND, unless otherwise specified.
2 Typicals are at TA = 25°C and represent the most likely parametric norm. Shutdown current typ is measured with VCC = 3.3 V.
3 Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
4 Total unadjusted error (TUE) includes offset, gain, and linearity errors of the ADC, multiplexer, and on-chip input attenuators. VBAT is accurate only for VBAT voltages
greater than 1.5 V (see Figure 15).
5 Total analog monitoring cycle time is nominally 273 ms, made up of 18 ms × 11.38 ms measurements on analog input and internal temperature channels, and
2 ms × 34.13 ms measurements on external temperature channels.
6 The total fan count is based on two pulses per revolution of the fan tachometer output. The total fan monitoring time depends on the number of fans connected and
the fan speed. See the Fan Speed Measurement section for more details.
7 ADD is a three-state input that may be pulled high, low, or left open-circuit.
8 Logic inputs accept input high voltages up to 5 V even when device is operating at supply voltages below 5 V.
9 Endurance is qualified to 100,000 cycles as per JEDEC Std. 22 method A117, and measured at −40°C, +25°C, and +85°C. Typical endurance at +25°C is 700,000 cycles.
10 Retention lifetime equivalent at junction temperature (TJ ) = 55°C as per JEDEC Std. 22 method A117. Retention lifetime based on an activation energy of 0.6 V
derates with junction temperature as shown in Figure 16.


Similar Part No. - ADM1026

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026 ONSEMI-ADM1026 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL ONSEMI-ADM1026JST-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL7 ONSEMI-ADM1026JST-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
TPS99000S-Q1 TI-TPS99000S-Q1 Datasheet
4Mb / 85P
[Old version datasheet]   TPS99000S-Q1 System Management and Illumination Controller
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com