Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1029 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 6Page - Analog Devices ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices ADM1029 Datasheet HTML 10Page - Analog Devices ADM1029 Datasheet HTML 11Page - Analog Devices ADM1029 Datasheet HTML 12Page - Analog Devices ADM1029 Datasheet HTML 13Page - Analog Devices ADM1029 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
REV. 0
ADM1029
–10–
D+
D–
REMOTE
SENSING
TRANSISTOR
LOW-PASS FILTER
fC = 65kHz
VDD
TO ADC
VOUT+
VOUT
I
N
I
IBIAS
BIAS
DIODE
Figure 5. Signal Conditioning for Remote Diode Temperature Sensors
TEMPERATURE LIMITS
The contents of the Local and Remote Temperature Value Regis-
ters (addresses A0h to A2h) are compared to the contents of the
High and Low Limit Registers at addresses 90h to 92h and 98h
to 9Ah. How the ADM1029 responds to overtemperature/
undertemperature conditions depends on the status of the Tem-
perature Fault Action Registers (addresses 40h to 42h). The
response of
CFAULT, INT, and fan-speed-to-temperature events
depends on the setting of these registers, as explained later.
Table II. Temperature Data Format
Temperature
Digital Output
–128
°C
1000 0000
–125
°C
1000 0011
–100
°C
1001 1100
–75
°C
1011 0101
–50
°C
1100 1110
–25
°C
1110 0111
0
°C
0000 0000
+10
°C
0000 1010
+25
°C
0001 1001
+50
°C
0011 0010
+75
°C
0100 1011
+100
°C
0110 0100
+125
°C
0111 1101
+127
°C
0111 1111
To prevent ground noise interfering with the measurement, the
more negative terminal of the sensor is not referenced to ground,
but biased above ground by an internal diode at the D– input. If
the sensor is used in a noisy environment, a capacitor of value
up to 1000 pF may be placed between the D+/D– pins.
To measure
∆V
BE, the sensor is switched between operating currents
of I and N
× I. The resulting waveform is passed through a 65 kHz
low-pass filter to remove noise, and to a chopper-stabilized amplifier
that performs the functions of amplification and rectification of
the waveform to produce a dc voltage proportional to
∆V
BE. This
voltage is measured by the ADC to give a temperature output in
8-bit two’s complement format. To further reduce the effects of
noise, digital filtering is performed by averaging the results of 16
measurement cycles. An external temperature measurement takes
nominally 9.6 ms.
The results of external temperature measurements are stored in
8-bit, two’s complement format, as illustrated in Table II.
OFFSET REGISTERS
Digital noise and other error sources can cause offset errors in
the temperature measurement, particularly on the remote sen-
sors. The ADM1029 offers a way to minimize these effects. The
offsets on the three temperature channels can be measured during
system characterization and stored as two’s complement values
in three offset registers at addresses 30h to 32h. The offset
values are automatically added to, or subtracted from, the tem-
perature values, depending on whether the two’s complement
number corresponds to a positive or negative offset. Offset val-
ues from –15
°C to +15°C are allowed.
The default value in the offset registers is zero, so if no offsets
are programmed, the temperature measurements are unaltered.


Similar Part No. - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Similar Description - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com