Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST450RAB124JLZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST450RAB124JLZ
Description  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST450RAB124JLZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST450RAB124JLZ Datasheet HTML 1Page - Coilcraft lnc. ST450RAB124JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST450RAB Series (1812)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1812 CHIP INDUCTORS
Document ST106-2 Revised 10/14/11
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
Typical Q vs Frequency
Typical L vs Frequency
Current Derating
Suggested
Land Pattern
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.
12 µH
22 µH
47 µH
100 µH
220 µH
470 µH
1000 µH
0
5
10
15
20
25
30
35
40
45
50
55
60
0.1
1
100
10
Frequency (MHz)
12 µH
22 µH
47 µH
100 µH
220 µH
470 µH
1000 µH
10
100
1000
10000
0.1
1
100
10
Frequency (MHz)


Similar Part No. - ST450RAB124JLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST450RAA COILCRAFT-ST450RAA Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA102JLZ COILCRAFT-ST450RAA102JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA122JLZ COILCRAFT-ST450RAA122JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA152_LZ COILCRAFT-ST450RAA152_LZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA182JLZ COILCRAFT-ST450RAA182JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
More results

Similar Description - ST450RAB124JLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com