Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7450 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON7450
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7450 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON7450 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7450 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AON7450
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
20
30
40
50
60
70
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=8V
ID=7.8A
VGS=10V
ID=7.8A
20
30
40
50
60
70
80
90
4
8
12
16
20
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=8V
VGS=10V
ID=7.8A
25°C
125°C
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9
10
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=5.5V
6V
8V
7.5V
7V
6.5
10V
8.5V
Rev 2: Mar. 2011
www.aosmd.com
Page 3 of 7


Similar Part No. - AON7450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7452 AOSMD-AON7452 Datasheet
248Kb / 7P
   100V N-Channel MOSFET
AON7458 AOSMD-AON7458 Datasheet
530Kb / 6P
   250V,5A N-Channel MOSFET
More results

Similar Description - AON7450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com