Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7460 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON7460
Description  300V,4A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7460 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON7460 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7460 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7460 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7460 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7460 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7460 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON7460
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=240V
I
D=1.2A
0
1
10
100
1000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
100
µs
0
100
200
300
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
T
J(Max)=150°C
T
C=25°C
0
3
6
9
12
15
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=240V
I
D=1.2A
0
1
10
100
1000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
100
µs
0
100
200
300
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
T
J(Max)=150°C
T
C=25°C
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=3.7°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
Rev 0: Mar 2011
www.aosmd.com
Page 4 of 6


Similar Part No. - AON7460

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7462 AOSMD-AON7462 Datasheet
303Kb / 6P
   300V,2.5A N-Channel MOSFET
AON7466 AOSMD-AON7466 Datasheet
333Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - AON7460

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
4N30 UTC-4N30 Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com