Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7702B Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AON7702B
Description  30V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7702B Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AON7702B Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7702B Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AON7702B
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
12
0
5
10
15
20
0
5
10
15
20
25
30
I
S (A)
Figure 18: Diode Reverse Recovery Charge and Peak
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
Q
rr
I
rm
0
1
2
3
4
5
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
I
S (A)
Figure 19: Diode Reverse Recovery Time and
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
t
rr
S
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
50
100
150
200
Temperature (°C)
Figure 17: Diode Reverse Leakage Current vs.
Junction Temperature
V
DS=15V
V
DS=30V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
Temperature (°C)
Figure 18: Diode Forward voltage vs. Junction
Temperature
I
S=1A
10A
20A
5A
Figure 18: Diode Reverse Recovery Charge and Peak
Current vs. Conduction Current
0
2
4
6
8
10
0
2
4
6
8
10
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 20: Diode Reverse Recovery Charge and Peak
Current vs. di/dt
125ºC
125ºC
25ºC
25ºC
I
s=13.5A
Q
rr
I
rm
Figure 19: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
0
1
2
3
4
5
0
2
4
6
8
10
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 21: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
125ºC
25ºC
25ºC
125ºC
I
s=13.5A
t
rr
S
Rev 0: Jan. 2012
www.aosmd.com
Page 6 of 7


Similar Part No. - AON7702B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7702 AOSMD-AON7702 Datasheet
213Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AON7702A AOSMD-AON7702A Datasheet
163Kb / 6P
   30V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7702A DOINGTER-AON7702A Datasheet
509Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AON7702L AOSMD-AON7702L Datasheet
213Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON7702B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com