Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486JN Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1486JN
Description  5 V Low Power RS-485 PROFIBUS Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486JN Datasheet(HTML) 4 Page - Analog Devices

  ADM1486JN Datasheet HTML 1Page - Analog Devices ADM1486JN Datasheet HTML 2Page - Analog Devices ADM1486JN Datasheet HTML 3Page - Analog Devices ADM1486JN Datasheet HTML 4Page - Analog Devices ADM1486JN Datasheet HTML 5Page - Analog Devices ADM1486JN Datasheet HTML 6Page - Analog Devices ADM1486JN Datasheet HTML 7Page - Analog Devices ADM1486JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADM1486
REV. PrB
–4–
Test Circuits
VOD
R
R
VOC
Figure 1. Driver Voltage Measurement Test Circuit
VOD3
60
375
375
VTST
Figure 2. Driver Voltage Measurement Test Circuit 2
RLDIFF
A
B
CL1
CL2
Figure 3. Driver Propagation Delay Test Circuit
DE
0V OR 3V
DE IN
A
B
S1
CL
VOUT
RL
S2
VCC
Figure 4. Driver Enable/Disable Test Circuit
RE
A
B
CL
VOUT
Figure 5. Receiver Propagation Delay Test Circuit
RE
+1.5V
RE
IN
S1
CL
VOUT
RL
S2
VCC
–1.5V
Figure 6. Receiver Enable/Disable Test Circuit
Switching Characteristics
3V
0V
B
A
0V
–VO
VO
90% POINT
10% POINT
TR
TSKEW
1/2VO
TPLH
1.5V
1.5V
TPHL
TSKEW
90% POINT
10% POINT
TF
VO
Figure 7. Driver Propagation Delay, Rise/Fall Timing
DE
A, B
A, B
1.5V
2.3V
2.3V
TZH
TZL
1.5V
3V
0V
VOL
VOH
0V
VOL +0.5V
VOH –0.5V
THZ
TLZ
Figure 8. Driver Enable/Disable Timing
A, B
RO
0V
TPLH
1.5V
0V
TPHL
1.5V
VOH
VOL
Figure 9. Receiver Propagation Delay
RE
R
R
1.5V
1.5V
1.5V
TZH
TZL
1.5V
3V
0V
VOL
VOH
VOL +0.5V
VOH –0.5V
THZ
TLZ
O/P LOW
O/P HIGH
0V
Figure 10. Receiver Enable/Disable Timing
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM1486JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results

Similar Description - ADM1486JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Analog Devices
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com