Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202E Datasheet(PDF) 5 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 5 Page - Analog Devices

  ADM202E Datasheet HTML 1Page - Analog Devices ADM202E Datasheet HTML 2Page - Analog Devices ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM202E/ADM1181A
–5–
REV. 0
HIGH BAUD RATE
The ADM202E/ADM1181A feature high slew rates permitting
data transmission at rates well in excess of the EIA/RS-232-E
specifications. RS-232 voltage levels are maintained at data rates
up to 230 kb/s even under worst case loading conditions. This
allows for high speed data links between two terminals or indeed
it is suitable for the new generation ISDN modem standards which
requires data rates of 230 kbps. The slew rate is internally con-
trolled to less than 30 V/
µs in order to minimize EMI interference.
ESD/EFT TRANSIENT PROTECTION SCHEME.
The ADM202E/ADM1181A use protective clamping structures
on all inputs and outputs which clamp the voltage to a safe level
and dissipate the energy present in ESD (Electrostatic) and
EFT (Electrical Fast Transients) discharges. A simplified sche-
matic of the protection structure is shown in Figure 3. Each in-
put and output contains two back-to-back high speed clamping
diodes. During normal operation with maximum RS-232 signal
levels, the diodes have no effect as one or the other is reverse bi-
ased depending on the polarity of the signal. If however the volt-
age exceeds about 50 V in either direction, reverse breakdown
occurs and the voltage is clamped at this level. The diodes are
large p-n junctions that are designed to handle the instanta-
neous current surge which can exceed several amperes.
The transmitter outputs and receiver inputs have a similar pro-
tection structure. The receiver inputs can also dissipate some of
the energy through the internal 5 k
Ω resistor to GND as well as
through the protection diodes.
The protection structure achieves ESD protection up to
±15 kV
and EFT protection up to
±2 kV on all RS-232 I/O lines. The
methods used to test the protection scheme are discussed later.
RIN
RX
D1
D2
RECEIVER
INPUT
R1
Figure 3a. Receiver Input Protection Scheme
RX
D1
D2
TRANSMITTER
OUTPUT
TOUT
Figure 3b. Transmitter Output Protection Scheme
Typical Performance Curves
START 30.0 MHz
STOP 200.0 MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 4. EMC Radiated Emissions
LOG FREQUENCY – MHz
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
36
10
LIMIT
Figure 5. EMC Conducted Emissions


Similar Part No. - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com