Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT14N50FD Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOT14N50FD
Description  500V, 14A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT14N50FD Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOT14N50FD Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT14N50FD Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT14N50FD Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT14N50FD Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT14N50FD Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT14N50FD Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOT14N50FD/AOTF14N50FD
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
t off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
trr
AR
AR
Rev 3: Jul 2011
www.aosmd.com
Page 6 of 6


Similar Part No. - AOT14N50FD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT14N50FD ISC-AOT14N50FD Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT14N50FD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com