Selected language     English  ▼


ADM208AN Datasheet(PDF) 5 Page - Analog Devices

Part No. ADM208AN
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
ADM205–ADM211/ADM213
REV. 0
–5–
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
619
Top View
(Not to Scale)
ADM209
R4
IN
R5
IN
R1
IN
R4
OUT
R1
OUT
V
CC
GND
T3
IN
T2
IN
R2
OUT
R5
OUT
R3
OUT
R3
IN
T1
OUT
T1
IN
V+
NC
C+
C–
T3
OUT
R2
IN
T2
OUT
V–
EN
NC = NO CONNECT
Figure 9. ADM209 DIP/SOIC/SSOP Pin Configuration
T1
IN
ADM209
NC
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
GND
3
T2
IN
T3
IN
T2
OUT
T3
OUT
T3
23
24
16
15
20
13
19
T2
T1
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R3
IN
R4
IN
R5
IN
R3
OUT
R4
OUT
R5
OUT
R5
R4
R3
14
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
9
18
12
10
11
17
+12V TO –12V
VOLTAGE
INVERTER
7
6
8
0.1
µF
16V
5
+5V INPUT
V
CC
V+
V–
C1+
C1–
0.1
µF
16V
4
+9V TO +13.2V
INPUT
R1
IN
R2
IN
R1
OUT
R2
OUT
R2
R1
2
21
22
1
0.1
µF
Figure 10. ADM209 Typical Operating Circuit
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
Top View
(Not to Scale)
ADM208
T1
IN
R1
IN
T1
OUT
R2
OUT
T2
OUT
V
CC
GND
R4
IN
R2
IN
R3
IN
R3
OUT
R1
OUT
R4
OUT
T2
IN
T3
IN
T3
OUT
V+
V–
C1+
C1–
C2+
C2–
T4
IN
T4
OUT
Figure 7. ADM208 DIP/SOIC/SSOP Pin Configuration
T1
IN
ADM208
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
GND
8
T2
IN
T3
IN
T4
IN
T2
OUT
T3
OUT
T4
OUT
T3
19
5
18
1
2
24
T4
T2
T1
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R1
IN
R2
IN
R3
IN
R1
OUT
R2
OUT
R3
OUT
R3
R2
R1
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
3
7
23
4
22
6
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
13
12
10
15
0.1
µF
16V
11
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
6.3V
0.1
µF
16V
21
20
9
R4
IN
R4
OUT
R3
16
17
0.1
µF
Figure 8. ADM208 Typical Operating Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADM223+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM202High Speed +5 V 0.1 uF CMOS RS-232 Driver/Receivers 1 2 3 4 5 MoreAnalog Devices
AD230+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM222High Speed +5 V 0.1 uF CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ST2325V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
HIN230+5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ST232AVERY HIGHSPEED ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
ICL232+5V Powered Dual RS-232 Transmitter/Receiver 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl