Selected language     English  ▼


ADM208AN Datasheet(PDF) 6 Page - Analog Devices

Part No. ADM208AN
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 6 page
background image
ADM205–ADM211/ADM213
REV. 0
–6–
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
Top View
(Not to Scale)
13
14
16
15
ADM211
R2
OUT
R2
IN
R5
IN
T4
IN
R3
IN
T1
OUT
T2
OUT
T3
OUT
T4
OUT
R5
OUT
V+
V–
V
CC
C1+
C1–
C2+
C2–
GND
SD
R3
OUT
EN
T3
IN
R4
IN
R4
OUT
R1
IN
R1
OUT
T1
IN
T2
IN
Figure 11. ADM211 SOIC/SSOP Pin Configuration
ADM211
GND
10
SD
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
24
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
R5
IN
R5
OUT
R5
18
19
R4
IN
R4
OUT
R4
23
22
R1
IN
R1
OUT
R1
R3
IN
R3
OUT
R3
27
26
9
R2
IN
R2
OUT
R2
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T3
IN
T3
OUT
T3
20
7
2
1
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
0.1
µF
16V
13
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
16V
0.1
µF
16V
T4
IN
T4
OUT
T4
21
28
11
0.1
µF
T2
IN
T2
OUT
6
3
T2
Figure 12. ADM211 Typical Operating Circuit
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
Top View
(Not to Scale)
13
14
16
15
ADM213
R2
OUT
R2
IN
R5
IN *
T4
IN
R3
IN
T1
OUT
T2
OUT
T3
OUT
T4
OUT
R5
OUT *
V+
V–
V
CC
C1+
C1–
C2+
C2–
GND
SD
R3
OUT
EN
T3
IN
R4
IN *
R4
OUT *
R1
IN
R1
OUT
T1
IN
T2
IN
* ACTIVE IN SHUTDOWN
Figure 13. ADM213 SOIC/SSOP Pin Configuration
ADM213
GND
10
SD
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
24
* INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
** INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
*** ACTIVE IN SHUTDOWN
EN
R5
IN ***
R5
OUT ***
R5
18
19
R4
IN ***
R4
OUT ***
R4
23
22
R1
IN
R1
OUT
R1
R3
IN
R3
OUT
R3
27
26
9
R2
IN
R2
OUT
R2
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T3
IN
T3
OUT
T3
20
7
2
1
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
0.1
µF
16V
13
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
16V
0.1
µF
16V
T4
IN
T4
OUT
T4
21
28
11
0.1
µF
T2
IN
T2
OUT
6
3
T2
Figure 14. ADM213 Typical Operating Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADM223+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM202High Speed +5 V 0.1 uF CMOS RS-232 Driver/Receivers 1 2 3 4 5 MoreAnalog Devices
AD230+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM222High Speed +5 V 0.1 uF CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ST2325V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
HIN230+5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ST232AVERY HIGHSPEED ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
ICL232+5V Powered Dual RS-232 Transmitter/Receiver 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl