Selected language     English  ▼


ADM211EAR Datasheet(PDF) 11 Page - Analog Devices

Part No. ADM211EAR
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 11 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–11–
R1
R2
C1
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
ESD TEST METHOD
R2
C1
H. BODY MIL-STD883B
1.5k
100pF
IEC1000-4-2
330
150pF
Figure 25. ESD Test Standards
100
90
36.8
10
tDL
tRL
TIME t
Figure 26. Human Body Model ESD Current Waveform
100
90
10
TIME t
30ns
60ns
0.1 TO 1ns
Figure 27. IEC1000-4-2 ESD Current Waveform
The ADM2xxE family of products are tested using both the
above mentioned test methods. All pins are tested with respect
to all other pins as per the MIL-STD-883B specification. In
addition all I-O pins are tested as per the IEC test specification.
The products were tested under the following conditions:
(a) Power-On—Normal Operation
(b) Power-On—Shutdown Mode
(c) Power-Off
There are four levels of compliance defined by IEC1000-4-2.
The ADM2xxE family of products meet the most stringent
compliance level for both contact and for air-gap discharge. This
means that the products are able to withstand contact discharges in
excess of 8 kV and air-gap discharges in excess of 15 kV.
Table IV. IEC1000-4-2 Compliance Levels
Contact Discharge
Air Discharge
Level
kV
kV
12
2
24
4
36
8
48
15
Table V. ADM2xxE ESD Test Results
ESD Test Method
I-O Pins
Other Pins
MIL-STD-883B
±15 kV
±2.5 kV
IEC1000-4-2
Contact
±8 kV
Air
±15 kV
FAST TRANSIENT BURST TESTING (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast-transient/
burst (EFT) immunity. Electrical fast transients occur as a
result of arcing contacts in switches and relays. The tests simu-
late the interference generated when for example a power relay
disconnects an inductive load. A spark is generated due to the
well known back EMF effect. In fact the spark consists of a
burst of sparks as the relay contacts separate. The voltage appear-
ing on the line, therefore, consists of a bust of extremely fast tran-
sient impulses. A similar effect occurs when switching on
fluorescent lights.
The fast transient burst test defined in IEC1000-4-4 simulates
this arcing and its waveform is illustrated in Figure 28. It con-
sists of a burst of 2.5 kHz to 5 kHz transients repeating at
300 ms intervals. It is specified for both power and data lines.
300ms
15ms
t
V
5ns
0.2/0.4ms
50ns
V
t
Figure 28. IEC1000-4-4 Fast Transient Waveform




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADM202EEMI/EMC Compliant +-15 kV ESD Protected RS-232 Line Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM2209EEMI-/EMC-Compliant +-15 kV ESD Protected Dual RS-232 Port with Standby 1 2 3 4 5 MoreAnalog Devices
ADM483E+-15 kV ESD Protected EMC Compliant Slew Rate Limited EIA RS-485 Transceiver 1 2 3 4 5 MoreAnalog Devices
ST3241E®5KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 1 2 3 4 5 MoreSTMicroelectronics
ISL83384E±15kV ESD Protected +3V to +5.5V 1 Microamp 250Kbps RS-232 Transmitter/Receiver 1 2 3 4 5 MoreIntersil Corporation
ST3243E±15KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 1 2 3 4 5 MoreSTMicroelectronics
ISL83385E15kV ESD Protected +3V to +5.5V +/-1 Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ADM3485EESD Protected EMC Compliant 3.3 V 20 Mbps EIA RS-485 Transceiver 1 2 3 4 5 MoreAnalog Devices
ISL83386E±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ISL83387E+/-15kV ESD Protected +3#V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl