Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0465002.DR Datasheet(PDF) 1 Page - Littelfuse

Part # 0465002.DR
Description  Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0465002.DR Datasheet(HTML) 1 Page - Littelfuse

  0465002.DR Datasheet HTML 1Page - Littelfuse 0465002.DR Datasheet HTML 2Page - Littelfuse 0465002.DR Datasheet HTML 3Page - Littelfuse 0465002.DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
81
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
NANO> 250V UMF Time Lag > 465 Series
465 Series
Please refer to www.littelfuse.com/series/465.html for current information.
465 Series Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
PS
E
% of Ampere
Rating
OpeningTime
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
PS
E
NBK030205-E108480B
1A - 6.3A
E184655A,B
250mA - 6.3A
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I t (A2sec)
Agency Approvals
PS
E
Applications
Notes:
- l2t calculated at 8ms.
- Resistance is measured at 10% of rated current, 25ºC
- For information and availability of additional ratings please contact Littelfuse
Revised: September 11, 2009


Similar Part No. - 0465002.DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0465002. LITTELFUSE-0465002. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results

Similar Description - 0465002.DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04653.15DR LITTELFUSE-04653.15DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
046501.6DR LITTELFUSE-046501.6DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
04651.25DR LITTELFUSE-04651.25DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465005.DR LITTELFUSE-0465005.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
046502.5DR LITTELFUSE-046502.5DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465001.DR LITTELFUSE-0465001.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465004.DR LITTELFUSE-0465004.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
046506.3DR LITTELFUSE-046506.3DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2 > 250V UMF Time Lag > 465 Series
0443005.DR LITTELFUSE-0443005.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044301.5DR LITTELFUSE-044301.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com