Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM663 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM663
Description  Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM663 Datasheet(HTML) 5 Page - Analog Devices

  ADM663 Datasheet HTML 1Page - Analog Devices ADM663 Datasheet HTML 2Page - Analog Devices ADM663 Datasheet HTML 3Page - Analog Devices ADM663 Datasheet HTML 4Page - Analog Devices ADM663 Datasheet HTML 5Page - Analog Devices ADM663 Datasheet HTML 6Page - Analog Devices ADM663 Datasheet HTML 7Page - Analog Devices ADM663 Datasheet HTML 8Page - Analog Devices ADM663 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADM663A/ADM666A
REV. 0
–5–
the current drain to a low quiescent (9
µA maximum) current.
This is very useful for low power applications. The SHDN input
should be driven with a CMOS logic level signal since the input
threshold is 0.3 V. In TTL systems, an open collector driver
with a pull-up resistor may be used.
If the shutdown function is not being used, then it should be
connected to GND.
Low Supply or Low Battery Detection
The ADM666A contains on-chip circuitry for low power supply
or battery detection. If the voltage on the LBI pin falls below the
internal 1.3 V reference, then the open drain output LBO will
go low. The low threshold voltage may be set to any voltage
above 1.3 V by appropriate resistor divider selection.
R3
= R4
V
BATT
1.3 V
−1


where R3 and R4 are the resistive divider resistors and VBATT is
the desired low voltage threshold.
Since the LBI input leakage current is less than 10 nA, large val-
ues may be selected for R3 and R4 in order to minimize loading.
For example, a 6 V low threshold may be set using 10 M
Ω for
R3 and 2.7 M
Ω for R4.
ADM666A
SENSE
V
OUT
GND
V
IN
V
SET
LBI
+1.3V TO +15V
OUTPUT
+2V TO +16V
INPUT
R
CL
R2
R1
LBO
SHDN
R3
R4
LOW
BATTERY
OUTPUT
Figure 6. ADM666A Adjustable Output with Low Battery
Detection
High Current Operation
The ADM663A contains an additional output, VOUT1, suitable
for directly driving the base of an external NPN transistor. Fig-
ure 7 shows a configuration which can be used to provide +5 V
with boosted current drive. A 1
Ω current sensing resistor limits
the current at 0.5 A.
ADM663A
V
OUT1
V
OUT2
GND
V
IN
SHDN
2N4237
V
IN
100
1.0
SENSE
V
SET
+
10
µF
+
10
µF
SHUTDOWN
+5V, 0.5A
OUTPUT
Figure 7. ADM663A Boosted Output Current (0.5 A)
The resistor values may be selected by first choosing a value for
R1 and then selecting R2 according to the following equation:
R2
= R1×
V
OUT
1.30
−1


The input leakage current on VSET is 10 nA maximum. This al-
lows large resistor values to be chosen for R1 and R2 with little
degradation in accuracy. For example, a 1 M
Ω resistor may be
selected for R1, and then R2 may be calculated accordingly.
The tolerance on VSET is guaranteed at less than
±30 mV so in
most applications, fixed resistors will be suitable.
ADM663A
ADM666A
SENSE
V
OUT(2)
GND
V
IN
V
SET
SHDN
+1.3V TO +15V
OUTPUT
+2V TO +16V
INPUT
R
CL
R2
R1
Figure 5. Adjustable Output
Current Limiting
Current limiting may be achieved by using an external current
sense resistor in series with VOUT(2). When the voltage across
the sense resistor exceeds the internal 0.5 V threshold, current
limiting is activated. The sense resistor is therefore chosen such
that the voltage across it will be 0.5 V when the desired current
limit is reached.
R
CL =
0.5
I
CL
where RCL is the current sense resistor, ICL is the maximum
current limit.
The value chosen for RCL should also ensure that the current is
limited to less than the 100 mA absolute maximum rating and
also that the power dissipation will also be within the package
maximum ratings.
If current limiting is employed, there will be an additional volt-
age drop across the sense resistor that must be considered when
determining the regulators dropout voltage.
If current limiting is not used, the SENSE input should be con-
nected to VOUT(2).
Shutdown Input (SHDN)
The SHDN input allows the regulator to be turned off with a
logic level signal. This will disable the output and reduce
Table I. Output Voltage Selection
VSET
VOUT
GND
+5 V
VIN
+3 V
R1/R2
ADJ


Similar Part No. - ADM663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
More results

Similar Description - ADM663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com