Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM690AN Datasheet(PDF) 6 Page - Analog Devices

Part # ADM690AN
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690AN Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM690AN Datasheet HTML 2Page - Analog Devices ADM690AN Datasheet HTML 3Page - Analog Devices ADM690AN Datasheet HTML 4Page - Analog Devices ADM690AN Datasheet HTML 5Page - Analog Devices ADM690AN Datasheet HTML 6Page - Analog Devices ADM690AN Datasheet HTML 7Page - Analog Devices ADM690AN Datasheet HTML 8Page - Analog Devices ADM690AN Datasheet HTML 9Page - Analog Devices ADM690AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM690–ADM695
REV. A
–6–
POWER FAIL RESET OUTPUT
RESET
is an active low output which provides a RESET signal
to the Microprocessor whenever VCC is at an invalid level. When
VCC falls below the reset threshold, the RESET output is forced
low. The nominal reset voltage threshold is 4.65 V (ADM690/
ADM691/ADM694/ADM695) or 4.4 V (ADM692/ADM693).
t
1
t
1
= RESET TIME.
V1 = RESET VOLTAGE THRESHOLD LOW
V2 = RESET VOLTAGE THRESHOLD HIGH
HYSTERESIS = V2–V1
V2
V2
V1
V1
t1
V
CC
LOW LINE
RESET
Figure 2. Power Fail Reset Timing
On power-up RESET will remain low for 50 ms (200 ms for
ADM694 and ADM695) after VCC rises above the appropriate
reset threshold. This allows time for the power supply and mi-
croprocessor to stabilize. On power-down, the RESET output
remains low with VCC as low as 1 V. This ensures that the
microprocessor is held in a stable shutdown condition.
This RESET active time is adjustable on the ADM691/ADM693/
ADM695 by using an external oscillator or by connecting an
external capacitor to the OSC IN pin. Refer to Table I and
Figure 4.
The guaranteed minimum and maximum thresholds of the
ADM690/ADM691/ADM694/ADM695 are 4.5 V and 4.73 V,
while the guaranteed thresholds of the ADM692/ADM693 are
4.25 V and 4.48 V. The ADM690/ADM691/ADM694/ADM695
is, therefore, compatible with 5 V supplies with a +10%, –5%
tolerance while the ADM692/ADM693 is compatible with 5 V
± 10% supplies. The reset threshold comparator has approxi-
mately 50 mV of hysteresis. The response time of the reset volt-
age comparator is less than 1
µs. If glitches are present on the
VCC line which could cause spurious reset pulses, then VCC
should be decoupled close to the device.
In addition to RESET the ADM691/ADM693/ADM695 con-
tain an active high RESET output. This is the complement of
RESET
and is intended for processors requiring an active high
RESET signal.
Watchdog Timer RESET
The watchdog timer circuit monitors the activity of the micro-
processor in order to check that it is not stalled in an indefinite
loop. An output line on the processor is used to toggle the
Watchdog Input (WDI) line. If this line is not toggled within the
selected timeout period, a RESET pulse is generated. The
nominal watchdog timeout period is preset at 1.6 seconds on the
ADM690/ADM692/ADM694. The ADM691/ADM693/ADM695
may be configured for either a fixed “short” 100 ms or a “long”
1.6 second timeout period or for an adjustable timeout period.
If the “short” period is selected, some systems may be unable to
service the watchdog timer immediately after a reset, so the
ADM691/ADM693/ADM695 automatically selects the “long”
timeout period directly after a reset is issued. The watchdog
timer is restarted at the end of reset, whether the reset was
caused by lack of activity on WDI or by VCC falling below the
reset threshold.
The normal (short) timeout period becomes effective following
the first transition of WDI after RESET has gone inactive. The
watchdog timeout period restarts with each transition on the
WDI pin. To ensure that the watchdog timer does not time out,
either a high-to-low or low-to-high transition on the WDI pin
must occur at or less than the minimum timeout period. If WDI
remains permanently either high or low, reset pulses will be
issued after each “long” timeout period (1.6 s). The watchdog
monitor can be deactivated by floating the Watchdog Input
(WDI) or by connecting it to midsupply.
t
2
RESET
WDO
WDI
t
1
= RESET TIME.
t
2
= NORMAL (SHORT) WATCHDOG TIMEOUT PERIOD.
t
3
= WATCHDOG TIMEOUT PERIOD IMMEDIATELY FOLLOWING A RESET.
t
1
t
1
t
1
t
3
Figure 3. Watchdog Timeout Period and Reset Active
Time


Similar Part No. - ADM690AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690AN AD-ADM690AN Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM690AN AD-ADM690AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM690AN AD-ADM690AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM690AN AD-ADM690AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM690AN AD-ADM690AN Datasheet
175Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results

Similar Description - ADM690AN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com