Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM708
Description  Low Cost uP Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708 Datasheet(HTML) 1 Page - Analog Devices

  ADM708 Datasheet HTML 1Page - Analog Devices ADM708 Datasheet HTML 2Page - Analog Devices ADM708 Datasheet HTML 3Page - Analog Devices ADM708 Datasheet HTML 4Page - Analog Devices ADM708 Datasheet HTML 5Page - Analog Devices ADM708 Datasheet HTML 6Page - Analog Devices ADM708 Datasheet HTML 7Page - Analog Devices ADM708 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAMS
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
INPUT (WDI)
POWER-FAIL
INPUT (PFI)
POWER-FAIL
OUTPUT (
PFO)
WATCHDOG
OUTPUT (
WDO)
RESET
*VOLTAGE REFERENCE = 4.65V (ADM705), 4.40V (ADM706)
ADM705/
ADM706
RESET &
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
250 A
VCC
WATCHDOG
TIMER
4.65V*
1.25V
1.25V
4.65V*
POWER-FAIL
INPUT (PFI)
POWER-FAIL
OUTPUT (
PFO)
RESET
*VOLTAGE REFERENCE = 4.65V (ADM707), 4.40V (ADM708)
ADM707/
ADM708
RESET
GENERATOR
MR
VCC
250 A
VCC
RESET
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost P
Supervisory Circuits
ADM705–ADM708
FEATURES
Guaranteed
RESET Valid with V
CC = 1 V
190
A Quiescent Current
Precision Supply-Voltage Monitor
4.65 V (ADM705/ADM707)
4.40 V (ADM706/ADM708)
200 ms Reset Pulsewidth
Debounced TTL/CMOS Manual Reset Input (
MR)
Independent Watchdog Timer—1.6 sec Timeout
(ADM705/ADM706)
Active High Reset Output (ADM707/ADM708)
Voltage Monitor for Power-Fail or Low Battery
Warning
Superior Upgrade for MAX705–MAX708
Also Available in MicroSOIC Packages
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Critical
P Monitoring
Automotive Systems
Critical
P Power Monitoring
GENERAL DESCRIPTION
The ADM705–ADM708 are low cost
µP supervisory circuits.
They are suitable for monitoring the 5 V power supply/battery
and can also monitor microprocessor activity.
The ADM705/ADM706 provide the following functions:
1. Power-On Reset output during power-up, power-down and
brownout conditions. The
RESET output remains opera-
tional with VCC as low as 1 V.
2. Independent watchdog timeout,
WDO, that goes low if the
watchdog input has not been toggled within 1.6 seconds.
3. A 1.25 V threshold detector for power-fail warning, low
battery detection or to monitor a power supply other than
5V.
4. An active low debounced manual reset input (
MR).
The ADM707/ADM708 differ in that:
1. A watchdog timer function is not available.
2. An active high reset output in addition to the active low
output is available.
Two supply-voltage monitor levels are available. The ADM705/
ADM707 generate a reset when the supply voltage falls below
4.65 V, while the ADM706/ADM708 require that the supply
fall below 4.40 V before a reset is issued.
All parts are available in 8-lead DIP and SOIC packages. The
ADM707 and ADM708 are also available in space-saving
microSOIC packages.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - ADM708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708 AD-ADM708 Datasheet
338Kb / 12P
   Supervisory Circuits
Rev. G
ADM708 AD-ADM708 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708 AD-ADM708 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM708ANZ AD-ADM708ANZ Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM708AR AD-ADM708AR Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
More results

Similar Description - ADM708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com