Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20U150CTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR20U150CTH
Description  Power Schottky Rectifier - 20Amp 150Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20U150CTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR20U150CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR20U150CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR20U150CTH Datasheet HTML 3Page - Sirectifier Global Corp. MBR20U150CTH Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
http:// www.sirectsemi.com
0
2
6
10
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
4
150
125
100
75
50
25
8
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
MBR20U150CTH/FCTH/CRH/CGH


Similar Part No. - MBR20U150CTH

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBR20U150CT KEC-MBR20U150CT Datasheet
29Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBR20U150CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20150CT SIRECT-MBR20150CT Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20L150CT SIRECT-MBR20L150CT Datasheet
189Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20A150CTH SIRECT-MBR20A150CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20V150CTH SIRECT-MBR20V150CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
MBR10X150CTH SIRECT-MBR10X150CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR30150CT SIRECT-MBR30150CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 150Volt
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com