Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2809XCP-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2809XCP-RL
Description  Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2809XCP-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2809XCP-RL Datasheet HTML 5Page - Analog Devices ADN2809XCP-RL Datasheet HTML 6Page - Analog Devices ADN2809XCP-RL Datasheet HTML 7Page - Analog Devices ADN2809XCP-RL Datasheet HTML 8Page - Analog Devices ADN2809XCP-RL Datasheet HTML 9Page - Analog Devices ADN2809XCP-RL Datasheet HTML 10Page - Analog Devices ADN2809XCP-RL Datasheet HTML 11Page - Analog Devices ADN2809XCP-RL Datasheet HTML 12Page - Analog Devices ADN2809XCP-RL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADN2809
REV. PrB Oct. .2001
- 9 -
FUNCTIONAL DESCRIPTION
Limiting Amplifier / Bypass & Loopback
The limiting amplifier has differential inputs (PIN/NIN), which
are normally AC coupled to the internal 50 ohm termination
(although DC coupling is possible). Input offset is factory
trimmed to achieve better than 6mV typical sensitivity with
minimal drift. The Quantizer Slicing level can be offset by +/-
100mV to mitigate the effect of ASE (amplified spontaneous
emission) noise by a differential voltage input of +/-0.8V
applied to ‘SLICEP/N’ inputs. If no adjustment
of the slice level is needed, SLICEP/N should be tied to VCC.
When the ‘Bypass’ input is driven to a TTL high state, the
Quantizer output is connected directly to the buffers driving the
Data Out pins, thus bypassing the clock recovery circuit (Figure
10). This feature can help the system to deal with non standard
bit rates. The loopback mode can be invoked by driving the
‘LOOPEN’ pin to a TTL high state, which facilitates system
diagnostic testing. This will connect the Test inputs (TDINP/N)
to the clock and data recovery circuit (per Figure 10). The Test
inputs can be left floating, when not in use. They accept AC or
DC coupled signal levels, or AC coupled LVDS.
Loss of Signal (LOS) Detector
The receiver front end Signal Detect circuit indicates when the
input signal level has fallen below a user adjustable threshold.
The threshold is set with a single external resistor, as illustrated
in figure 4, which assumes that the slice inputs are inactive.
If the LOS detector is used the Quantizer Slice Adjust pins must
both be tied to VCC, to avoid interaction with the LOS threshold
level. Note that it is not expected to use both LOS and Slice
Adjust at the same time: systems with optical amplifiers need
the slice adjust to evade ASE, but a loss of signal causes the
optical amplifier output to be full scale noise, thus the LOS
would not detect the failure. In this case the Loss of Lock signal
will indicate the failure.
Refer ence Clock
The ADN2809 can accept any of the following reference clock
frequencies: 19.44 MHz, 38.88MHz, 77.76MHz at
LVTTL/LVCMOS/LVPECL/LVDS levels or 155.52MHz at
LVPECL/LVDS levels via the REFCLKN/P inputs, independent
of data rate (including gigabit ethernet). The input buffer accepts
any differential signal with a peak to peak differential
amplitude of greater than 64mV (e.g. LVPECL or LVDS) or a
standard single ended low voltage TTL input, providing
maximum system flexibility. The appropriate division ratio can
be selected using the REFSEL0/1 pins, according to Table 3.
Phase noise and duty cycle of the Reference Clock are not
critical and 100ppm accuracy is sufficient.
A crystal oscillator is also provided, as an alternative to using
the REFCLKN/P input. Details of the recommended crystal are
given in Table 3.
REFSEL must be tied to VCC when the REFCLKN/P inputs are
active, or tied to VEE when the oscillator is used. No connection
between the XO pin and REFCLK input is necessary (see figure
11). Please note that the crystal should operate in series resonant
mode, which renders it insensitive to external parasitics. No
trimming capacitors are required.
Lock Detector Oper ation
The lock detector monitors the frequency difference between the
VCO and the reference clock, and de-asserts the ‘Loss of Lock’
signal when the VCO is within 500ppm of center frequency.
This enables the phase loop which then maintains phase lock,
unless the frequency error exceeds 0.1%. Should this occur, the
‘Loss of Lock’ signal is re-asserted and control returns to the
frequency loop which will re-acquire, and maintain a stable
clock signal at the output. The frequency loop requires a single
external capacitor between CF1 and CF2. The capacitor
specification is given in Table 5.
Squelch Mode
When the ‘Squelch’ input is driven to a TTL high state, both the
clock and data outputs are set to the zero state, to suppress
downstream processing. If desired, this pin can be directly
driven by the LOS (Loss-Of-Signal) or LOL (Loss-Of-Lock)
detector outputs. If the Squelch function is not required, the pin
should be tied to VEE.


Similar Part No. - ADN2809XCP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804ACPZ-500RL7 AD-ADN2804ACPZ-500RL7 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804ACPZ-RL7 AD-ADN2804ACPZ-RL7 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results

Similar Description - ADN2809XCP-RL

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com