Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30B45CTH Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR30B45CTH
Description  Power Schottky Rectifier - 30Amp 60Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR30B45CTH Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR30B45CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR30B45CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR30B45CTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 30Amp 45Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-Halogen-Free
Application
-Switching-Mode Power Supply
-Solar-System Control Box
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
30
A
Average Forward Current
VRRM
45
V
Repetitive Peak Reverse Voltage
IFSM
350
A
Peak Forward Surge Current
VF
0.52
V
Forward Voltage Drop
Tj , Tstg
-50 to +175
º
C
Operating and Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.68V
0.52V
Per Leg at
IF = 15A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.05mA
10mA
Per Leg at
VR = 45V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
Per Leg
TO-220AB
ITO-220AB
June 2010 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
MBR30B45CTH/FCTH


Similar Part No. - MBR30B45CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR30B100CTH SIRECT-MBR30B100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30B120CTH SIRECT-MBR30B120CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 30Amp 120Volt
MBR30B120FCTH SIRECT-MBR30B120FCTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 30Amp 120Volt
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR30B60CTH SIRECT-MBR30B60CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 30Amp 60Volt
More results

Similar Description - MBR30B45CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL30L60CT SIRECT-SBL30L60CT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30L60CTH SIRECT-SBL30L60CTH Datasheet
130Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30L60PT SIRECT-SBL30L60PT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30B60CTH SIRECT-SBL30B60CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30LL60PT SIRECT-SBL30LL60PT Datasheet
140Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
MBR3060CT SIRECT-MBR3060CT_12 Datasheet
133Kb / 3P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30LL60CT SIRECT-SBL30LL60CT Datasheet
140Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30L60CT SIRECT-SBL30L60CT Datasheet
148Kb / 4P
   Power Schottky Rectifier - 30Amp 60Volt
MBR3060CT SIRECT-MBR3060CT Datasheet
142Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
MBR30B60CTH SIRECT-MBR30B60CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 30Amp 60Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com