Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30V100FCTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR30V100FCTH
Description  Power Schottky Rectifier - 30Amp 100Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR30V100FCTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR30V100FCTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR30V100FCTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR30V100FCTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
3
9
15
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
6
150
125
100
75
50
25
12
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
80
200
120
160
40
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.01
0.1
1
10
100
1000
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ =25ºC
TJ =125ºC
TJ =75ºC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
TJ =125ºC
TJ =25ºC
TJ =75ºC
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
10
100
100
1000
10000
TJ = 25ºC
f = 1MHz
MBR30V100CTH/FCTH
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - MBR30V100FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR30V120CTH SIRECT-MBR30V120CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 30Amp 120Volt
MBR30V120FCTH SIRECT-MBR30V120FCTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 30Amp 120Volt
More results

Similar Description - MBR30V100FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR30100CT SIRECT-MBR30100CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30A100CTH SIRECT-MBR30A100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30100CT SIRECT-MBR30100CT_10 Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30X100CTH SIRECT-MBR30X100CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30H100CT SIRECT-MBR30H100CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30L100CT SIRECT-MBR30L100CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30L100PT SIRECT-MBR30L100PT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30100FCT SIRECT-MBR30100FCT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30B100CTH SIRECT-MBR30B100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
MBR30U100CTH SIRECT-MBR30U100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com