Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0471001.NRT3- Datasheet(PDF) 1 Page - Littelfuse

Part # 0471001.NRT3-
Description  PICO II Time Lag Fuse 471 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0471001.NRT3- Datasheet(HTML) 1 Page - Littelfuse

  0471001.NRT3- Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature
Axial Lead and Cartridge Fuses
PICO
® II Time Lag Fuse 471 Series
388
www .littelfuse .com
• The PICO® II time-lag fuse is designed for applications that require
moderate inrush withstand.
• For additional inrush withstand, consult the 473 Series.
RoHS Compliant version now available, use ordering suffix ‘L’
(see example on data sheet).
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
120 seconds, Max.
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
Approved by METI from 1 through 5 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS: 50 amperes at 125 VAC and VDC.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz);
Method 204, Test Condition C (55–2000 Hz at 10 G’s Peak).
Moisture Resistance: MIL-STD-202, Method 106.
PHYSICAL SPECIFICATIONS:
Materials: Encapsulated, Epoxy-Coated Body; Solder Coated
Copper Wire Leads. RoHS Compliant Product: Pure Tin coated copper
wire leads.
Flammability Rating: UL 94V0
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Lead Pull Force: MIL-STD-202, Method 211, Test Condition A (will
withstand a 7 lb. axial pull test).
ORDERING INFORMATION:
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES
Average Time Current Curves
F
L 1 A
38.1
(1.5")
38.1
(1.5")
7.11 (.280")
REF.
EPOXY COATING
0.64 (.025")
DIA.
2.41 (.095")
DIA. REF.
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
0471.500
1/2
125
0.189
0.159
0471 001.
1
125
0.085
0.722
0471 01.5
11/2
125
0.054
1.610
0471 002.
2
125
0.039
2.500
0471 02.5
21/2
125
0.030
4.390
0471 003.
3
125
0.023
6.960
0471 004.
4
125
0.012
10.600
0471 005.
5
125
0.008
15.400
®
®
PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296;
T1: 2.062" (52.4mm) taped spacing; 5,000 per reel.
Options: For RoHS Compliant devices add the letter ‘L’ to end of
packaging suffix. Example: 0471001.NRT1L (RoHS Compliant 1A,
5,000 per reel).
RoHS


Similar Part No. - 0471001.NRT3-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0471001.NRT1- LITTELFUSE-0471001.NRT1- Datasheet
38Kb / 1P
   PICO짰 II Time Lag Fuse 471 Series
0471001.NRT1L LITTELFUSE-0471001.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
More results

Similar Description - 0471001.NRT3-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0471001.NRT1- LITTELFUSE-0471001.NRT1- Datasheet
38Kb / 1P
   PICO짰 II Time Lag Fuse 471 Series
0472.500NRT1L LITTELFUSE-0472.500NRT1L Datasheet
446Kb / 3P
   PICO II, Time-Lag Fuse
0471003.NAT6L LITTELFUSE-0471003.NAT6L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0471004.NRT1L LITTELFUSE-0471004.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
047102.5NRT1L LITTELFUSE-047102.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
047103.5NRT1L LITTELFUSE-047103.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0471002.NRT1L LITTELFUSE-0471002.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0472003.MXL LITTELFUSE-0472003.MXL Datasheet
51Kb / 1P
   PICO짰 II Time Lag Fuse 472 Series
047202.5MXL LITTELFUSE-047202.5MXL Datasheet
51Kb / 1P
   PICO짰 II Time Lag Fuse 472 Series
0472001.MXL LITTELFUSE-0472001.MXL Datasheet
51Kb / 1P
   PICO짰 II Time Lag Fuse 472 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com